Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS12N60F Datasheet (PDF) - HUAJING MICROELECTRONICS

CS12N60F Datasheet PDF - HUAJING MICROELECTRONICS
Part # CS12N60F
Download  CS12N60F Download
File Size   274.36 Kbytes
Page   10 Pages
Manufacturer  HUAJING-MICRO [HUAJING MICROELECTRONICS]
Direct Link  http://www.crhj.com.cn
Logo HUAJING-MICRO - HUAJING MICROELECTRONICS
Description Silicon N-Channel Power MOSFET

CS12N60F Datasheet (PDF)

Go To PDF Page Download Datasheet
CS12N60F Datasheet PDF - HUAJING MICROELECTRONICS

Part # CS12N60F
Download  CS12N60F Click to download

File Size   274.36 Kbytes
Page   10 Pages
Manufacturer  HUAJING-MICRO [HUAJING MICROELECTRONICS]
Direct Link  http://www.crhj.com.cn
Logo HUAJING-MICRO - HUAJING MICROELECTRONICS
Description Silicon N-Channel Power MOSFET

CS12N60F Datasheet (HTML) - HUAJING MICROELECTRONICS


CS12N60F Product details

Features:
- Fast Switching
- LowON Resistance(Rdson≤0.75Ω)
- Low Gate Charge (Typical Data:40nC)
- Low Reverse transfer capacitances(Typical:10pF)
- 100%Single Pulse avalanche energy Test




Similar Part No. - CS12N60F

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
CS12 TOKEN-CS12 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS12 ETC-CS12 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
Transko Electronics, In...
CS12 TRANSKO-CS12 Datasheet
165Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.2 x 1.0 x 0.33mm)
Rev. 1: 10-10-19
logo
TDK Electronics
CS12-F2GA472MYGSA TDK-CS12-F2GA472MYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS12-F2GA472MYNSA TDK-CS12-F2GA472MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results


Similar Description - CS12N60F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3592-01L FUJI-2SK3592-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3613-01 FUJI-2SK3613-01 Datasheet
116Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3646-01L FUJI-2SK3646-01L Datasheet
244Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3771-01MR FUJI-2SK3771-01MR Datasheet
99Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3776-01 FUJI-2SK3776-01 Datasheet
108Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3677-01MR FUJI-2SK3677-01MR Datasheet
114Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com