Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMKDB1120 Datasheet (PDF) - Texas Instruments

LMKDB1120 Datasheet PDF - Texas Instruments
Part # LMKDB1120
Download  LMKDB1120 Download
File Size   2642.3 Kbytes
Page   70 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers

LMKDB1120 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMKDB1120 Datasheet PDF - Texas Instruments

Part # LMKDB1120
Download  LMKDB1120 Click to download

File Size   2642.3 Kbytes
Page   70 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers

LMKDB1120 Datasheet (HTML) - Texas Instruments


LMKDB1120 Product details

1 Features
• LP-HCSL clock buffer that support:
– PCIe Gen 1 to Gen 6
– CC (Common Clock) and IR (Independent
Reference) PCIe architectures
– Input clock with or without SSC
• DB2000QL compliant:
– All devices meet DB2000QL specifications
– LMKDB1120 is pin-compatible to DB2000QL
• Extremely low additive jitter:
– 31 fs maximum 12 kHz to 20 MHz RMS
additive jitter at 156.25 MHz
– 13 fs maximum additive jitter for PCIe Gen 4
– 5 fs maximum additive jitter for PCIe Gen 5
– 3 fs maximum additive jitter for PCIe Gen 6
• Fail-safe input
• Flexible power-up sequence
• Automatic output disable
• Individual output enable
• SBI (Side Band Interface) for high-speed output
enable or disable
• LOS (Loss of Signal) input detection
• 85 Ω or 100 Ω output impedance
• 1.8 V / 3.3 V ± 10% power supply
• –40°C to 105°C ambient temperature

2 Applications
• High Performance Computing
• Server Motherboard
• NIC/SmartNIC
• Hardware Accelerator

3 Description
LMKDB1120 and LMKDB1108 are extremely-low-jitter
LP-HCSL buffers that support PCIe Gen 1 to
Gen 6 and are DB2000QL compliant. The devices
provide flexible power-up sequence, fail-safe inputs,
individual output enable and disable pins, loss of input
signal (LOS) detection and automatic output disable
features, as well as excellent power supply noise
rejection performance.
Both 1.8-V and 3.3-V supply voltages are supported.
For LMKDB1120, 1.8-V power supply saves 250 mW
power compared to 3.3 V.




Similar Part No. - LMKDB1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMKDB1120 TI1-LMKDB1120 Datasheet
2Mb / 64P
LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers
DECEMBER 2023
LMKDB1120 TI1-LMKDB1120 Datasheet
2Mb / 77P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
FEBRUARY 2024
LMKDB1120 TI1-LMKDB1120 Datasheet
3Mb / 82P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
MAY 2024
LMKDB1120 TI1-LMKDB1120 Datasheet
4Mb / 96P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
JUNE 2024
LMKDB1120 TI1-LMKDB1120 Datasheet
4Mb / 99P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
REVISED JUNE 2024
More results


Similar Description - LMKDB1120

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CFGL601B PERICOM-PI6CFGL601B Datasheet
1,012Kb / 13P
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Micrel Semiconductor
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641_16 Datasheet
210Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
logo
Texas Instruments
CDCDB2000 TI1-CDCDB2000 Datasheet
556Kb / 33P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB800 TI-CDCDB800 Datasheet
1Mb / 31P
CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB400 TI-CDCDB400 Datasheet
2Mb / 33P
CDCDB400 DB800ZL-Compliant 4-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS833 ??NOVEMBER 2021
CDCDB803 TI-CDCDB803 Datasheet
1Mb / 31P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
logo
Microsemi Corporation
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
logo
Renesas Technology Corp
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Texas Instruments
CDCDB803 TI1-CDCDB803_V01 Datasheet
1Mb / 34P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
REVISED MAY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com