Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDES4940 Datasheet (PDF) - Texas Instruments

TDES4940 Datasheet PDF - Texas Instruments
Part # TDES4940
Download  TDES4940 Download
File Size   815.54 Kbytes
Page   10 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer

TDES4940 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDES4940 Datasheet PDF - Texas Instruments

Part # TDES4940
Download  TDES4940 Click to download

File Size   815.54 Kbytes
Page   10 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer

TDES4940 Datasheet (HTML) - Texas Instruments


TDES4940 Product details

1 Features
• DisplayPort (DP) / Embedded DisplayPort (eDP)
Transmitter
– VESA DP v1.4a/eDP v1.4b transmitter
– HBR3/HBR2/HBR/RBR Link Bit Rates
– Main link: 1, 2, or 4 lanes
– Each lane up to 8.1Gbps
– AUX CH 1Mbps
– Hot Plug Detect (HPD)
– Extracts aggregated video streams to local eDP
display
– Designed for 4 K @ 60 Hz video resolution
– Stream synchronization and splitting
• V3Link enhanced video interface
– 13.5/12.528/10.8/6.75/3.375 Gbps per Channel;
Up to 27 Gbps over dual channels
– Coax/STP interconnect support
– Selectable 1, 2 channels
– Daisy-chain and splitting
– Adaptive equalization
• Ultra-low latency control channel
– Two fast-mode plus I2C up to 1 MHz (up to 3.4
MHz local bus access)
– High-speed GPIOs
– Supports SPI and UART pass through GPIOs
• Compatibility
– Integrated HDCP v1.4 with on-chip keys
– V3Link video and V3Link enhanced video
product families
• Image enhancement (white balance and dithering)
• Security and diagnostics
– Voltage and temperature monitoring
– BIST and pattern generation
– CRC and error diagnostics
– ECC on control bits
– Unique ID for counterfeit protection
• Advanced link robustness and EMC control
– Spread spectrum clocking generation (SSCG)
– Adaptive Receiver Equalization (AEQ)
• Low power operation
– 1.8V and 1.15V dual power supply
• Qualifications
– ISO 10605 and IEC 61000-4-2 ESD compliant
– Temperature: -20°C to +85°C

2 Applications
• High resolution display:
– Operating room displays
– Seat back entertainment displays
– High resolution HMI

3 Description
The TDES4940 is a V3Link Enhanced Video to
DisplayPort (DP) / Embedded DisplayPort (eDP)
bridge device. In conjunction with a V3Link Enhanced
Video serializer, the chipset receives a high-speed
serialized interface over low-cost 50 Ω coax or
STP/STQ cables. The TDES4940 is a VESA DP
v1.4a/eDP v1.4b compatible device that supports
advanced features such as HBR3, and SuperFrame
formats. The device supports video resolutions of
4K 30-bit color and higher. The V3Link Enhanced
Video supports video and audio data transmission
and full duplex control, including I2C, and GPIO data
over the same link. Consolidation of video data and
control over V3Link Enhanced Video lanes reduces
the interconnect size and weight and simplifies
system design. EMI is minimized by the use of low
voltage differential signaling, data scrambling, and
randomization. In compatible V3Link mode, the device
supports up to 2K resolutions with 24-bit color depth
over a single/dual link as well as HDCP v1.4 support
when paired with an HDCP capable serializer.




Similar Part No. - TDES4940

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDES4940 TI1-TDES4940 Datasheet
1Mb / 15P
TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer
NOVEMBER 2023
TDES4940RURR TI1-TDES4940RURR Datasheet
1Mb / 15P
TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer
NOVEMBER 2023
TDES4940RURRQ1 TI1-TDES4940RURRQ1 Datasheet
1Mb / 15P
TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer
NOVEMBER 2023
TDES4940RURT TI1-TDES4940RURT Datasheet
1Mb / 15P
TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer
NOVEMBER 2023
TDES4940RURTQ1 TI1-TDES4940RURTQ1 Datasheet
1Mb / 15P
TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer
NOVEMBER 2023
More results


Similar Description - TDES4940

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P13906NDP TRIPPLITE-P13906NDP Datasheet
473Kb / 2P
Mini DisplayPort to DisplayPort Cable Adapter,Video Converter, 2560x1600 (M-F)
P583-003 TRIPPLITE-P583-003 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 3 ft.
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
P583-010-BK TRIPPLITE-P583-010-BK Datasheet
172Kb / 3P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 10 ft.
logo
IOGEAR
GDPDVI4KA IOGEAR-GDPDVI4KA Datasheet
167Kb / 3P
Active DisplayPort to DVI Adapter - 4K 30Hz
GHDMDPF IOGEAR-GHDMDPF Datasheet
180Kb / 2P
HDMI짰 (M) to DisplayPort (F) Adapter; 4K @30Hz
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
logo
Texas Instruments
TSER4905 TI-TSER4905 Datasheet
422Kb / 6P
TSER4905 4K DSI to V3Link Bridge Serializer
AUGUST 2022
TDES4940 TI1-TDES4940_V01 Datasheet
1Mb / 15P
TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com