Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1511 Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

1511 Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 1511
Download  1511 Download
File Size   241.87 Kbytes
Page   3 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Light Weight, Voltage Mode, Triaxial Accelerometer

1511 Datasheet (PDF)

Go To PDF Page Download Datasheet
1511 Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 1511
Download  1511 Click to download

File Size   241.87 Kbytes
Page   3 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Light Weight, Voltage Mode, Triaxial Accelerometer

1511 Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


1511 Product details

Description
Internal of the 8762A… accelerometer is a unique annular, shear
sensor element that features extremely low thermal transient
response, a high immunity to base strain and transverse acceleration.
An advanced hybrid charge amplifier design provides outstanding
phase response as well as a wide operating frequency
range. The light weight aluminum housing is epoxy sealed and
hard anodized coated to provide ground isolation.
Each of the three sensing elements is internally connected to a
microelectronic circuit that converts the charge from the ceramic
piezoelectric elements into a useable high level voltage signal at
a low impedance output. The 8762A… accelerometer series will
operate directly from the internal power source found in most
FFT analyzers; from several Kistler Piezotron® power supply couplers
or any industry standard IEPE (Integrated Electronic Piezo-
Electric) compatible power source.

Application
The lightweight 8762A… triaxial accelerometer series, is highly
desirable for measurement applications on light weight structures
where mass loading must be kept to a minimum. The accelerometers
are highly suited for multi-channel measurements; modal
analysis measurements on automotive bodies and aircraft structures;
general vibration measurements.




Similar Part No. - 1511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1511 ETC2-1511 Datasheet
1Mb / 16P
Drywall Punch
1511-2 ETC2-1511-2 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1511-3 ETC2-1511-3 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1511-4 ETC2-1511-4 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
logo
Amphenol SV Microwave
1511-60133 SVMICROWAVE-1511-60133 Datasheet
93Kb / 1P
SVK EF PLUG FOR Ø.047 CABLE
03/22
More results


Similar Description - 1511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
TRIAXIAL DIGITAL ACCELEROMETER MODULE
2412-005 ETC2-2412-005 Datasheet
156Kb / 2P
ANALOG OPEN FRAME TRIAXIAL ACCELEROMETER
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
Triaxial Analog Accelerometer
logo
TE Connectivity Ltd
832M1 TEC-832M1 Datasheet
168Kb / 3P
Triaxial Piezoelectric Accelerometer
834M1 TEC-834M1 Datasheet
165Kb / 3P
Triaxial Piezoelectric Accelerometer
830M1 TEC-830M1 Datasheet
694Kb / 15P
830M1 TRIAXIAL CONDITION MONITORING ACCELEROMETER
logo
STI Vibration Monitorin...
CMCP760TT STI-CMCP760TT Datasheet
541Kb / 2P
Triaxial Accelerometer with Temperature Output
January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com