Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7750RGN Datasheet (PDF) - Leadtrend Technology

LD7750RGN Datasheet PDF - Leadtrend Technology
Part # LD7750RGN
Download  LD7750RGN Download
File Size   406.54 Kbytes
Page   19 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description High Voltage Green-Mode PWM Controller with Over Temperature Protection

LD7750RGN Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7750RGN Datasheet PDF - Leadtrend Technology

Part # LD7750RGN
Download  LD7750RGN Click to download

File Size   406.54 Kbytes
Page   19 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description High Voltage Green-Mode PWM Controller with Over Temperature Protection

LD7750RGN Datasheet (HTML) - Leadtrend Technology


LD7750RGN Product details

Features
High-Voltage (500V) Startup Circuit
Current Mode Control
Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Internal Frequency Swapping
Internal Slope Compensation
Internal Over Current Protection
OVP (Over Voltage Protection) on Vcc
OLP (Over Load Protection)
External OTP through a NTC
500mA Driving Capability

Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply
LCD Monitor/TV Power

General Description
The LD7750R integrates several functions of protections,
and EMI-improved solution in a SOP-7, SOP-8 or DIP-8
package to minimize the component counts and the circuit
space.
The device provides functions of low startup current,
green-mode power-saving operation, leading-edge
blanking of the current sensing and internal slope
compensation. Also, the LD7750R features more
protections like OLP (Over Load Protection), OVP (Over
Voltage Protection), and OTP (Over Temperature
Protection) to prevent the circuit being damaged under the
abnormal conditions. The LD7750R features built-in
auto-recovery function for OVP on Vcc pin and OLP.




Similar Part No. - LD7750RGN

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7750 LEADTREND-LD7750 Datasheet
454Kb / 20P
High Voltage Green-Mode PWM Controller with Over Temperature Protection
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
LD7750AGN LEADTREND-LD7750AGN Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
LD7750AGR LEADTREND-LD7750AGR Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
LD7750AGS LEADTREND-LD7750AGS Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
More results


Similar Description - LD7750RGN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3039 IRF-IRU3039 Datasheet
182Kb / 22P
SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048_16 Datasheet
426Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
Green mode PWM Flyback Controller with External Over
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
Green mode PWM Flyback Controller with External Over
EM8636 EXCELLIANCE-EM8636 Datasheet
260Kb / 12P
Green mode PWM with External Over Temperature Protection
EM8672 EXCELLIANCE-EM8672 Datasheet
285Kb / 13P
HV Start-up PWM Controller with Over Temperature Protection
logo
Grenergy Opto, lnc.
GR8837 GRENERGY-GR8837 Datasheet
721Kb / 14P
Green-Mode PWM Controller with Latch Protection
logo
Leadtrend Technology
LD7750 LEADTREND-LD7750 Datasheet
454Kb / 20P
High Voltage Green-Mode PWM Controller with Over Temperature Protection
LD7577 LEADTREND-LD7577 Datasheet
370Kb / 18P
High Voltage Green-Mode PWM Controller with Brown-Out Protection
1/15/2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com