Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSR8266F1K Datasheet (PDF) - List of Unclassifed Manufacturers

TLSR8266F1K Datasheet PDF - List of Unclassifed Manufacturers
Part # TLSR8266F1K
Download  TLSR8266F1K Download
File Size   287.96 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Telink BLE series SoC unlocks the full potential for Bluetooth low energy applications

TLSR8266F1K Datasheet (PDF)

Go To PDF Page Download Datasheet
TLSR8266F1K Datasheet PDF - List of Unclassifed Manufacturers

Part # TLSR8266F1K
Download  TLSR8266F1K Click to download

File Size   287.96 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Telink BLE series SoC unlocks the full potential for Bluetooth low energy applications

TLSR8266F1K Datasheet (HTML) - List of Unclassifed Manufacturers


TLSR8266F1K Product details

General Description
The TLSR8266/TLSR8266F512/TLSR8266F128/TLSR8266F1K is Telink-developed BLE SoC
solution which is fully standard compliant and allows easy connectivity with Bluetooth Smart
Ready mobile phones, tablets, laptops. Telink BLE SoC supports BLE slave and master mode
operation, including broadcast, encryption, connection updates, and channel map updates.
It is RoHS-compliant and 100% lead (Pb)-free.
The TLSR8266/TLSR8266F512/TLSR8266F128/TLSR8266F1K is designed to offer high
integration, ultra-low power application capabilities. It integrates strong 32-bit MCU,
BLE/2.4GHz Radio, 16kB SRAM, 128/256/512kB external FLASH (TLSR8266) or 512kB internal
Flash (TLSR8266F512) or 128kB internal Flash (TLSR8266F128) or 1024kB internal Flash
(TLSR8266F1K), 14bit ADC with PGA, 6-channel PWM, three quadrature decoders, a
hardware keyboard scanner (Keyscan), abundant GPIO interfaces, multi-stage power
management module and nearly all the peripherals needed for Bluetooth Low Energy
applications development.

Key Features
- General features
 32bit high performance MCU, up to 48MHz
 Program memory: external 128/256/512kB FLASH (TLSR8266) or internal 512kB
Flash (TLSR8266F512) or internal 128kB Flash (TLSR8266F128) or internal 1024kB
Flash (TLSR8266F1K)
 Data memory: 16kB on-chip SRAM
 12M/16MHz&32.768kHz Crystal and 32kHz/32MHz embedded RC oscillator
 A rich set of I/Os:
 TLSR8266: Up to 41/37/22 GPIOs depending on package option
 TLSR8266F512: Up to 35/20 GPIOs depending on package option
 TLSR8266F128: Up to 12 GPIOs
 TLSR8266F1K: Up to 20 GPIOs
 DMIC (Digital Mic), AMIC (Analog Mic), Mono-channel Audio output
 SPI, I2C, USB, UART with hardware flow control, Debug Interface
 Up to 6 channels of PWM
 Sensor: 14bit ADC with PGA, Temperature sensor
 Three quadrature decoders
 Embeds hardware AES
 Compatible with USB2.0 Full speed mode
 TLSR8266 & TLSR8266F512 operating temperature range:
 ET versions: -40℃~+85℃
 AT versions: -40℃~+125℃
 TLSR8266F128 & TLSR8266F1K operating temperature range: -40℃~+85℃
 TLSR8266 Package:
 TLSR8266ET56/TLSR8266AT56, 56-pin QFN 7×7mm
 TLSR8266ET48/TLSR8266AT48, 48-pin QFN 7×7mm
 TLSR8266ET32/TLSR8266AT32, 32-pin QFN 5×5mm
 TLSR8266F512 Package:
 TLSR8266F512ET48/TLSR8266F512AT48, 48-pin QFN 7×7mm
 TLSR8266F512ET32/TLSR8266F512AT32, 32-pin QFN 5×5mm
 TLSR8266F128 Package: TLSR8266F128ET24, 24-pin QFN 4×4mm
 TLSR8266F1K Package: TLSR8266F1KET32, 32-pin QFN 5×5mm




Similar Part No. - TLSR8266F1K

ManufacturerPart #DatasheetDescription
logo
Telink
TLSR8208AER TELINK-TLSR8208AER Datasheet
4Mb / 157P
Datasheet for Telink Bluetooth LE SoC TLSR8208
Ver 1.0.4
TLSR8208BER TELINK-TLSR8208BER Datasheet
4Mb / 157P
Datasheet for Telink Bluetooth LE SoC TLSR8208
Ver 1.0.4
TLSR8208CER TELINK-TLSR8208CER Datasheet
4Mb / 157P
Datasheet for Telink Bluetooth LE SoC TLSR8208
Ver 1.0.4
TLSR8208DEE TELINK-TLSR8208DEE Datasheet
4Mb / 157P
Datasheet for Telink Bluetooth LE SoC TLSR8208
Ver 1.0.4
TLSR8208EER TELINK-TLSR8208EER Datasheet
3Mb / 155P
Datasheet for Telink Bluetooth LE SoC TLSR8208V2
Ver 1.0.5
More results


Similar Description - TLSR8266F1K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
Single-Chip Bluetooth Low Energy-Only SoC
logo
Microchip Technology
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
Bluetooth짰 Low Energy (BLE) SoC
07/14/15
logo
Cypress Semiconductor
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
Bluetooth Low-Energy (BLE)-compliant
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
Bluetooth Low-Energy (BLE)-compliant
logo
Laird Tech Smart Techno...
BL600-SA LSTD-BL600-SA Datasheet
2Mb / 50P
Single Mode Bluetooth Low Energy (BLE) Module
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
List of Unclassifed Man...
BC832 ETC-BC832 Datasheet
953Kb / 20P
Bluetooth Low Energy (BLE) 5 Micro Module BC832
Ver 2.0 June 2017
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com