Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7386-4 Datasheet (PDF) - Analog Devices

AD7386-4 Datasheet PDF - Analog Devices
Part # AD7386-4
Download  AD7386-4 Download
File Size   1599.18 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC

AD7386-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7386-4 Datasheet PDF - Analog Devices

Part # AD7386-4
Download  AD7386-4 Click to download

File Size   1599.18 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC

AD7386-4 Datasheet (HTML) - Analog Devices


AD7386-4 Product details

GENERAL DESCRIPTION
The AD7386-4/AD7387-4/AD7388-4 are 16-bit, 14-bit, and 12-bit
compatible, quad, simultaneous sampling, high-speed, successive
approximation register (SAR), analog-to-digital converters (ADCs)
operating from a 3.0 V to 3.3 V power supply with throughput rates
up to 4 MSPS. The single-ended analog input accepts voltage from
0 V to VREF, and is sampled and converted on the falling edge of
CS.
The AD7386-4/AD7387-4/AD7388-4 have on-chip oversampling
blocks to improve dynamic range and reduce noise at lower
bandwidths. The oversampling can boost up to two bits of added
resolution. The REFIO pin can have a reference voltage (VREF) of
2.5 V to 3.3 V.
The conversion process and data acquisition use standard control
inputs, allowing easy interfacing to microprocessors or digital signal
processors (DSPs). The conversion result can clock out simultaneously
via 4-wire mode for faster throughput or via 1-wire serial
mode when slower throughput is allowed. The device is compatible
with 1.8 V, 2.5 V, and 3.3 V interfaces using the separate logic supply.

FEATURES
► 16-bit, 14-bit, and 12-bit ADC family
► Quad simultaneous sampling
► Single-ended analog inputs
► High throughput rate: 4 MSPS
► SNR (typical)
► 84.7 dB (AD7386-4) at VREF = 3.3 V
► 82.4 dB (AD7387-4) at VREF = 3.3 V
► 73.7 dB (AD7388-4)
► 92 dB with OSR = 8, VREF = 3.3 V (AD7386-4)
► On-chip oversampling function
► 2-bit resolution boost
► Out of range indicator (ALERT)
► INL (typical)
► ±4 LSB (AD7386-4)
► ±1 LSB (AD7387-4)
► ±0.2 LSB (AD7388-4)
► High-speed serial interface
► Temperature range: −40°C to +125°C
► 2.5 V internal reference at 10 ppm/°C (maximum)
► 24-lead LFCSP

APPLICATIONS
► Motor control position feedback
► Motor control current sense
► Data acquisition systems
► Erbium doped fiber amplifier (EDFA) applications
► Traveling wave fault detection
► In-phase and quadrature demodulation

PRODUCT HIGHLIGHTS
1. Quad simultaneous sampling and conversion.
2. Pin-compatible product family.
3. High throughput rate, 4 MSPS at 16-bit, 14-bit, and 12-bit.
4. Space-saving, 24-lead LFCSP.
5. Integrated oversampling block to increase dynamic range, reduce
noise, and reduce SCLK speed requirements.
6. Differential analog inputs with wide common-mode range.
7. Small sampling capacitor reduces amplifier drive burden.




Similar Part No. - AD7386-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7386 AD-AD7386 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD7386 AD-AD7386 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
AD7386 AD-AD7386 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD7386 AD-AD7386 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD7386 AD-AD7386 Datasheet
611Kb / 31P
Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
1/2022-Revision 0
More results


Similar Description - AD7386-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7380-4 AD-AD7380-4 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD7389-4 AD-AD7389-4 Datasheet
611Kb / 31P
Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
1/2022-Revision 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com