Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4351-2 Datasheet (PDF) - Analog Devices

ADA4351-2 Datasheet PDF - Analog Devices
Part # ADA4351-2
Download  ADA4351-2 Download
File Size   4303.07 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)

ADA4351-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4351-2 Datasheet PDF - Analog Devices

Part # ADA4351-2
Download  ADA4351-2 Click to download

File Size   4303.07 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)

ADA4351-2 Datasheet (HTML) - Analog Devices


ADA4351-2 Product details

GENERAL DESCRIPTION
The ADA4351-2 is a compact, monolithic, dual-channel, precision,
programmable gain transimpedance amplifier (PGTIA). The
ADA4351-2 is a breakthrough solution for precisely measuring
small currents over a wide dynamic range. The precision of the
ADA4351-2 over a wide temperature range of −40°C to +125°C
enables users to perform one calibration of the end equipment
at room temperature, thereby saving test time and cost. The
ADA4351-2 integrates two low off leakage current switches per
channel, and the gain is programmable using two user-selectable
external resistors to provide a flexible, fully functional compact
PGTIA solution. Separate analog and digital supplies allow the
amplifier of the ADA4351-2 to operate on bipolar supplies, while
the integrated logic level shifting allows the digital interface to
remain ground referenced. Additionally, with its robust output stage
and low noise, the ADA4351-2 can directly drive 16-bit precision
analog-to-digital converters (ADCs, such as AD4696), providing a
complete analog front-end (AFE) to address the most challenging
precision current measurement applications.

FEATURES
► Small, dual-channel, complete PGTIA and AFE solution
► Small size package:16-lead LFCSP, 3 mm × 3 mm
► Integrated switches, 2 external gains per channel
► Wide input current dynamic range from picoamps to milliamps
► Excellent DC precision
► Low offset voltage: ±100 μV maximum, 25°C
► Low offset voltage drift: ±0.85 μV/°C maximum, −40°C to
+125°C
► Low input bias current: ±9 pA maximum, 25°C
► Low switch off leakage current : ±90 pA maximum (−40°C to
+125°C)
► New integrated architecture eliminates gain error due to switch
resistance
► Single-supply operation: +2.7 V to +5.5 V (dual-supply operation:
±1.85 V to ±2.75 V)
► Wide gain bandwidth product: 8.5 MHz
► Wide operating temperature range: −40°C to +125°C

APPLICATIONS
► Precision current to voltage (I to V) conversion
► Programmable gain TIAs
► Photodetector interface and amplification
► Optical networking equipment
► Optical power measurement
► Instrumentation—spectroscopy and chromatography
► Precision data acquisition systems (DAQ)




Similar Part No. - ADA4351-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ AD-ADA4350ARUZ Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ-R7 AD-ADA4350ARUZ-R7 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4352-2 AD-ADA4352-2 Datasheet
1Mb / 47P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
Rev. 0; 10/24
ADA4352-2ACPZ AD-ADA4352-2ACPZ Datasheet
1Mb / 47P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
Rev. 0; 10/24
More results


Similar Description - ADA4351-2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
MTI04BS ETC1-MTI04BS Datasheet
271Kb / 10P
MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
OPA3S2859-EP TI-OPA3S2859-EP Datasheet
1Mb / 28P
Enhanced Product, Dual-Channel, 900-MHz, 2.5-nV/?숰z, Programmable Gain Transimpedance Amplifier
logo
Dialog Semiconductor
CCG1401 DIALOG-CCG1401 Datasheet
1Mb / 20P
Programmable Transimpedance Amplifier
logo
Analog Devices
AD8271 AD-AD8271 Datasheet
381Kb / 20P
Programmable Gain Precision Difference Amplifier
Rev. 0
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
Renesas Technology Corp
CCG1401 RENESAS-CCG1401 Datasheet
1Mb / 24P
Programmable Transimpedance Amplifier
Feb 28, 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com