Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1534 Datasheet (PDF) - Analog Devices

ADG1534 Datasheet PDF - Analog Devices
Part # ADG1534
Download  ADG1534 Download
File Size   567.47 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5 Ω RON, 1.8 V Logic-Compatible Quad SPDT Switch

ADG1534 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1534 Datasheet PDF - Analog Devices

Part # ADG1534
Download  ADG1534 Click to download

File Size   567.47 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5 Ω RON, 1.8 V Logic-Compatible Quad SPDT Switch

ADG1534 Datasheet (HTML) - Analog Devices


ADG1534 Product details

GENERAL DESCRIPTION
The ADG1534 contains four independent SPDT switches. An EN
input on the ADG1534 is used to enable or disable the device.
When disabled, all channels are high impedance. The digital inputs,
INx, are 1.8 V logic-compatible and suitable for low voltage logic
controls.
The ADG1534 is fully specified at VDD = +5 V ± 10% and VSS
= −4.5 V to −8.8 V for applications that require asymmetrical
supplies. The ultra-low on resistance and on-resistance flatness of
the switches makes it an ideal solution for data acquisition and
gain switching applications, where low distortion is critical. The
construction ensures ultra-low power dissipation, making the device
ideally-suited for portable and battery-powered instruments.
The switch conducts equally well in both directions when on and
has an input signal range that extends to the supplies. In the off
condition, signal levels up to the supplies are blocked. All channels
exhibit a break-before-make switching action that prevents momentary
shorting when switching channels.

FEATURES
► 4.5 Ω typical on resistance for +5 V to −8 V supply at 25°C
► 1.2 Ω on-resistance flatness for +5 V to −8 V supply at 25°C
► Up to 346 mA continuous current
► Fully specified
► VDD = +5 V ± 10%
► VSS = −4.5 V to −8.8 V
► No VL supply required
► 1.8 V logic-compatible inputs
► Rail-to-rail operation
► 20-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
► LDMOS power amplifier gate drive
► GaN power amplifier gate drive
► Communication systems
► Automatic test equipment
► Data acquisition systems
► Sample-and-hold systems




Similar Part No. - ADG1534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1517 AD-ADG1517 Datasheet
195Kb / 12P
1.6 廓 On Resistance, 15 V iCMOS SPST Switch
REV. 0
ADG1517BCPZ-REEL7 AD-ADG1517BCPZ-REEL7 Datasheet
195Kb / 12P
1.6 廓 On Resistance, 15 V iCMOS SPST Switch
REV. 0
ADG1519 AD-ADG1519 Datasheet
663Kb / 15P
3.8 廓 On-Resistance, SPDT Switch
Rev. 0
ADG1519BCPZ-RL7 AD-ADG1519BCPZ-RL7 Datasheet
663Kb / 15P
3.8 廓 On-Resistance, SPDT Switch
Rev. 0
logo
MTU Onsite Energy Corpo...
ADG152DGB MTU-ADG152DGB Datasheet
429Kb / 4P
DIESEL GENERATOR SET
More results


Similar Description - ADG1534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
logo
Texas Instruments
TMUX6219 TI-TMUX6219_V01 Datasheet
1Mb / 43P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
logo
Analog Devices
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
EVAL-ADG1634L AD-EVAL-ADG1634L Datasheet
851Kb / 9P
Evaluating the ADG1634L 4.7 Ω RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
02-Dec-2021
logo
Texas Instruments
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
logo
Analog Devices
ADG6412 AD-ADG6412 Datasheet
761Kb / 18P
0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
Rev. 0
logo
Texas Instruments
TMUX4827 TI-TMUX4827 Datasheet
1Mb / 32P
TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
REVISED JUNE 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com