Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX49918 Datasheet (PDF) - Analog Devices

MAX49918 Datasheet PDF - Analog Devices
Part # MAX49918
Download  MAX49918 Download
File Size   2001.78 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional, On-The-Fly Programmable Gain, Current-Sense Amplifier with Wide Measurement Range

MAX49918 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX49918 Datasheet PDF - Analog Devices

Part # MAX49918
Download  MAX49918 Click to download

File Size   2001.78 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional, On-The-Fly Programmable Gain, Current-Sense Amplifier with Wide Measurement Range

MAX49918 Datasheet (HTML) - Analog Devices


MAX49918 Product details

General Description
The MAX49918 is a high-precision current-sense amplifier (CSA) with an I2C programmable gain option from 10V/V to 200V/V in 8 steps. The multiple programmable gain options offer maximum flexibility for the user to change gain on-the-fly.
The IC operating input common-mode range from -5V to +70V, with protections that extend down to -6V and up to +80V, thus providing protection against reverse-battery and high-voltage spikes.
The low input offset of ±1μV (typ) and low gain error of ±0.01% (typ) make this device best-suited for high-precision current measurements.
The IC operates from a supply voltage of +2.7V to +5.5V with a typical quiescent supply at 0.7mA. The device operates over the full -40°C to +125°C temperature range.
The IC features bidirectional current sensing and is offered in a 3mm x 3mm, 10-pin TDFN ackage.

Benefits and Features
• Programmable Gain Options through I2C from 10V/V to 200V/V (8 steps)
• ±1μV (typ) Input Offset Voltage for REF1 = REF2 = VDD/2
• ±5μV (typ) Input Offset Voltage for REF1 = VDD and REF2 = GND at Gain = 20V/V
• ±0.01% (typ) Gain Error
• -5V to +70V Input Voltage Range
• -6V to +80V Protective Immunity
• 70kHz, -3dB Bandwidth at Gain = 20V/V
• 145dB DC CMRR
• Rail-to-Rail Output
• 3mm x 3mm, TDFN-10 Package
• -40°C to +125°C Temperature Range

Applications
• Monitoring Distinct Current Levels
• Using the Same Current-Sense Resistors Across Multiple System Variants
• Requires a Non-Typical Gain Value Due to Sense Resistor Constraints
• H-Bridge Motor and Solenoid Current Sensing
• Battery Current Monitoring
• High- and Low-Side Precision Current Sensing




Similar Part No. - MAX49918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4991 MAXIM-MAX4991 Datasheet
158Kb / 10P
Low RON, Dual-SPDT/Single-DPDT Analog Switches with Slow Turn-On Time
Rev 1; 6/09
MAX4991EVB+ MAXIM-MAX4991EVB+ Datasheet
158Kb / 10P
Low RON, Dual-SPDT/Single-DPDT Analog Switches with Slow Turn-On Time
Rev 1; 6/09
More results


Similar Description - MAX49918

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
Sense current amplifier with selectable gain
2003 Nov 10
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA190 TI1-INA190_19 Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
INA186 TI1-INA186_V01 Datasheet
1Mb / 38P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
INA190 TI1-INA190_V01 Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
logo
STMicroelectronics
STEVAL-AETKT1V1 STMICROELECTRONICS-STEVAL-AETKT1V1 Datasheet
244Kb / 5P
High voltage bidirectional current sense amplifier evaluation kit based on the
Rev 1 - March 2020
logo
Texas Instruments
INA186 TI-INA186_V02 Datasheet
2Mb / 46P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Analog Devices
MAX49925 AD-MAX49925 Datasheet
1Mb / 11P
Bidirectional, Wide Positive and Negative Sensing Range, Current- Sense Amplifier with PWM
19-101605; Rev 0; 1/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com