Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX86165 Datasheet (PDF) - Analog Devices

MAX86165 Datasheet PDF - Analog Devices
Part # MAX86165
Download  MAX86165 Download
File Size   229.82 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Miniature Optical Heart Rate Module

MAX86165 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX86165 Datasheet PDF - Analog Devices

Part # MAX86165
Download  MAX86165 Click to download

File Size   229.82 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Miniature Optical Heart Rate Module

MAX86165 Datasheet (HTML) - Analog Devices


MAX86165 Product details

General Description
The MAX86165 is an ultra-low-power, completely integrated, optical data acquisition system. On the transmitter side, the MAX86165 has a programmable low-noise LED driver with an IR emitter. On the receiver side, MAX86165 consists of a high efficiency PIN photodiode and an optical readout channel. The optical readout has a low-noise signal conditioning analog front end (AFE), including 20-bit analog‐to‐digital converter (ADC) and an industry-leading ambient light cancellation (ALC) circuit. Due to the low power consumption, compact size, ease and flexibility of use, the MAX86165 is ideal for a wide variety of optical sensing applications such as heart rate detection and proximity sensing in small spaces such as ear buds.
The MAX86165 operates on a single 2.7V to 5.5V VLEDsupply voltage. Each device has a 128-word built-in FIFO. The MAX86165 is available in a 10-pin OLGA package with compact package dimensions of 2mm x 2.5mm x 0.82mm and operates over -40ºC to +85ºC temperature range.

Benefits and Features
●Complete Single-Channel Optical Data AcquisitionSystem in a Tiny Module
●Optimized Architecture for Reflective Heart RateMonitoring
●Integrated Infrared Proximity Sensing
●Optimized Performance to Detect ContinuousMonitoring for Heart Rate Variability (HRV)
●High-Resolution 20-bit Charge Integrating ADC
●Low-Noise 8-Bit LED Current DAC
●Excellent Signal to Noise Ratio (SNR) up to 94.5dB inWhite Card Loop-Back Test
●Excellent Ambient Range and Rejection
•Up to 200μA Ambient DC Current
•80dB Ambient Rejection at 120Hz
●Ultra Low-Power Operation for Wearable Devices
●Miniature 2mm x 2.5mm x 0.82mm 10-pin OLGAPackage

Applications
●Optimized for In-Ear Applications
●AR/VR Glasses
●Miniature Package for Mobile Applications




Similar Part No. - MAX86165

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX86160 MAXIM-MAX86160 Datasheet
1Mb / 41P
Integrated Heart-Rate Sensor for In-Ear Applications
2016
MAX86160EFN+T MAXIM-MAX86160EFN+T Datasheet
1Mb / 41P
Integrated Heart-Rate Sensor for In-Ear Applications
2016
MAX86160EVKIT MAXIM-MAX86160EVKIT Datasheet
5Mb / 28P
MAX86160 Evaluation Kit
19-8602; Rev 0; 8/16
MAX86160EVSYS MAXIM-MAX86160EVSYS Datasheet
5Mb / 28P
MAX86160 Evaluation Kit
19-8602; Rev 0; 8/16
MAX86160EVSYS# MAXIM-MAX86160EVSYS# Datasheet
5Mb / 28P
MAX86160 Evaluation Kit
19-8602; Rev 0; 8/16
More results


Similar Description - MAX86165

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BLE112 SILABS-BLE112 Datasheet
737Kb / 34P
Heart rate sensors
logo
Pixart Imaging Inc.
PAH8001EI-2G PIXART-PAH8001EI-2G Datasheet
1Mb / 5P
Optical Heart Rate Detection Sensor
PAH8002EP PIXART-PAH8002EP Datasheet
1Mb / 25P
Low Power Optical Heart Rate Detection Chip
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
Low Power Heart Rate Monitor Optical Chip
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
Low Power Optical Heart Rate Monitor Chip
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
Optical Sensor for Heart Rate Monitor IC
BH1790GLC-EVK-001 ROHM-BH1790GLC-EVK-001 Datasheet
190Kb / 5P
Optical Sensor for Heart Rate Monitor
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
Optical Sensor for Heart Rate Monitor IC
BH1792GLC-EVK-001 ROHM-BH1792GLC-EVK-001 Datasheet
802Kb / 4P
Optical Sensor for Heart Rate Monitor
logo
Silicon Laboratories
SI1144-AAGX-GMR SILABS-SI1144-AAGX-GMR Datasheet
817Kb / 3P
Optical Heart Rate Sensor Module with I2C Interface and HR Measurement Software
Rev. 0.9
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com