Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1234280 Datasheet (PDF) - PHOENIX CONTACT

1234280 Datasheet PDF - PHOENIX CONTACT
Part # 1234280
Download  1234280 Download
File Size   340.93 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 4/12-G-6,35 P26 THR - PCB header

1234280 Datasheet (PDF)

Go To PDF Page Download Datasheet
1234280 Datasheet PDF - PHOENIX CONTACT

Part # 1234280
Download  1234280 Click to download

File Size   340.93 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 4/12-G-6,35 P26 THR - PCB header

1234280 Datasheet (HTML) - PHOENIX CONTACT


1234280 Product details

PCB headers, nominal cross section: 4 mm2, color: black, nominal current: 24 A, rated voltage
(III/2): 800 V, contact surface: Tin, contact connection type: Pin, number of rows: 1, number of
positions: 12, product range: PC 4/..-G-THR, pitch: 6.35 mm, mounting: THR soldering, pin
layout: Zigzag pinning M, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in
system: COMBICON PC 4, Pin connector pattern alignment: Standard, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Increased touch protection in the pin connector pattern for maximum safety even when not plugged in
• Easy PCB replacement thanks to plug-in modules




Similar Part No. - 1234280

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1234224 PHOENIX-1234224 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH B
Dec 6, 2022
1234225 PHOENIX-1234225 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH R
Dec 6, 2022
1234226 PHOENIX-1234226 Datasheet
3Mb / 24P
Inductive coupler - NEARFI P 2A B
Dec 6, 2022
1234227 PHOENIX-1234227 Datasheet
180Kb / 5P
E-WM (EX18)R - Marking foil
1234228 PHOENIX-1234228 Datasheet
182Kb / 5P
E-WM (EX18)R YE - Marking foil
More results


Similar Description - 1234280

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1234268 PHOENIX-1234268 Datasheet
335Kb / 8P
PC 4/ 2-G-6,35 P26 THR - PCB header
1234269 PHOENIX-1234269 Datasheet
365Kb / 9P
PC 4/ 3-G-6,35 P26 THR - PCB header
1234271 PHOENIX-1234271 Datasheet
365Kb / 9P
PC 4/ 4-G-6,35 P26 THR - PCB header
1234272 PHOENIX-1234272 Datasheet
365Kb / 9P
PC 4/ 5-G-6,35 P26 THR - PCB header
1234273 PHOENIX-1234273 Datasheet
362Kb / 9P
PC 4/ 6-G-6,35 P26 THR - PCB header
1234275 PHOENIX-1234275 Datasheet
346Kb / 9P
PC 4/ 7-G-6,35 P26 THR - PCB header
1234276 PHOENIX-1234276 Datasheet
345Kb / 9P
PC 4/ 8-G-6,35 P26 THR - PCB header
1234277 PHOENIX-1234277 Datasheet
343Kb / 9P
PC 4/ 9-G-6,35 P26 THR - PCB header
1234278 PHOENIX-1234278 Datasheet
342Kb / 9P
PC 4/10-G-6,35 P26 THR - PCB header
1234279 PHOENIX-1234279 Datasheet
341Kb / 9P
PC 4/11-G-6,35 P26 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com