Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1247564 Datasheet (PDF) - PHOENIX CONTACT

1247564 Datasheet PDF - PHOENIX CONTACT
Part # 1247564
Download  1247564 Download
File Size   613.87 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 4/ 2-GU-6,35 P26 THR - PCB header

1247564 Datasheet (PDF)

Go To PDF Page Download Datasheet
1247564 Datasheet PDF - PHOENIX CONTACT

Part # 1247564
Download  1247564 Click to download

File Size   613.87 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 4/ 2-GU-6,35 P26 THR - PCB header

1247564 Datasheet (HTML) - PHOENIX CONTACT


1247564 Product details

PCB headers, nominal cross section: 4 mm2, color: black, nominal current: 24 A, rated voltage
(III/2): 800 V, contact surface: Tin, contact connection type: Pin, number of rows: 1, number of
positions: 2, product range: PC 4/..-GU-THR, pitch: 6.35 mm, mounting: THR soldering, pin
layout: Zigzag pinning W, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in
system: COMBICON PC 4, Pin connector pattern alignment: reversed, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Increased touch protection in the pin connector pattern for maximum safety even when not plugged in
• Easy PCB replacement thanks to plug-in modules




Similar Part No. - 1247564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1247565 PHOENIX-1247565 Datasheet
644Kb / 9P
PC 4/ 3-GU-6,35 P26 THR - PCB header
1247566 PHOENIX-1247566 Datasheet
644Kb / 9P
PC 4/ 4-GU-6,35 P26 THR - PCB header
1247567 PHOENIX-1247567 Datasheet
644Kb / 9P
PC 4/ 5-GU-6,35 P26 THR - PCB header
1247568 PHOENIX-1247568 Datasheet
641Kb / 9P
PC 4/ 6-GU-6,35 P26 THR - PCB header
1247569 PHOENIX-1247569 Datasheet
625Kb / 9P
PC 4/ 7-GU-6,35 P26 THR - PCB header
More results


Similar Description - 1247564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1247565 PHOENIX-1247565 Datasheet
644Kb / 9P
PC 4/ 3-GU-6,35 P26 THR - PCB header
1247566 PHOENIX-1247566 Datasheet
644Kb / 9P
PC 4/ 4-GU-6,35 P26 THR - PCB header
1247567 PHOENIX-1247567 Datasheet
644Kb / 9P
PC 4/ 5-GU-6,35 P26 THR - PCB header
1247568 PHOENIX-1247568 Datasheet
641Kb / 9P
PC 4/ 6-GU-6,35 P26 THR - PCB header
1247569 PHOENIX-1247569 Datasheet
625Kb / 9P
PC 4/ 7-GU-6,35 P26 THR - PCB header
1247570 PHOENIX-1247570 Datasheet
624Kb / 9P
PC 4/ 8-GU-6,35 P26 THR - PCB header
1247571 PHOENIX-1247571 Datasheet
622Kb / 9P
PC 4/ 9-GU-6,35 P26 THR - PCB header
1247573 PHOENIX-1247573 Datasheet
621Kb / 9P
PC 4/10-GU-6,35 P26 THR - PCB header
1247574 PHOENIX-1247574 Datasheet
620Kb / 9P
PC 4/11-GU-6,35 P26 THR - PCB header
1247577 PHOENIX-1247577 Datasheet
619Kb / 9P
PC 4/12-GU-6,35 P26 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com