Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1340388 Datasheet (PDF) - PHOENIX CONTACT

1340388 Datasheet PDF - PHOENIX CONTACT
Part # 1340388
Download  1340388 Download
File Size   370.75 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D31H 2,2/ 8-FH-3,81-X - PCB connector

1340388 Datasheet (PDF)

Go To PDF Page Download Datasheet
1340388 Datasheet PDF - PHOENIX CONTACT

Part # 1340388
Download  1340388 Click to download

File Size   370.75 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D31H 2,2/ 8-FH-3,81-X - PCB connector

1340388 Datasheet (HTML) - PHOENIX CONTACT


1340388 Product details

PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 160 V, contact connection
type: Pin, number of rows: 1, number of positions: 8, product range: D31H 2,2/..-FH, pitch: 3.81
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: CONNEXIS D, locking: Snap-in locking, mounting:
Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1340388

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340382 PHOENIX-1340382 Datasheet
372Kb / 11P
D31H 2,2/ 8-PT-3,81-X - Feed-through plug
1340383 PHOENIX-1340383 Datasheet
383Kb / 11P
D31H 2,2/10-PT-3,81-X - Feed-through plug
1340385 PHOENIX-1340385 Datasheet
362Kb / 10P
D31H 2,2/ 3-FH-3,81-X - PCB connector
1340386 PHOENIX-1340386 Datasheet
372Kb / 10P
D31H 2,2/ 4-FH-3,81-X - PCB connector
1340387 PHOENIX-1340387 Datasheet
372Kb / 10P
D31H 2,2/ 5-FH-3,81-X - PCB connector
More results


Similar Description - 1340388

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340386 PHOENIX-1340386 Datasheet
372Kb / 10P
D31H 2,2/ 4-FH-3,81-X - PCB connector
1340387 PHOENIX-1340387 Datasheet
372Kb / 10P
D31H 2,2/ 5-FH-3,81-X - PCB connector
1340389 PHOENIX-1340389 Datasheet
369Kb / 10P
D31H 2,2/10-FH-3,81-X - PCB connector
1341140 PHOENIX-1341140 Datasheet
372Kb / 10P
D31H 2,2/ 4-FH-3,81-Y - PCB connector
1341141 PHOENIX-1341141 Datasheet
372Kb / 10P
D31H 2,2/ 5-FH-3,81-Y - PCB connector
1341144 PHOENIX-1341144 Datasheet
370Kb / 10P
D31H 2,2/10-FH-3,81-Y - PCB connector
1340709 PHOENIX-1340709 Datasheet
379Kb / 10P
DD31H 2,2/ 8-FH-3,81-X - PCB connector
1339707 PHOENIX-1339707 Datasheet
319Kb / 8P
D31H 2,2/ 8-H-3,81-X - PCB header
1341138 PHOENIX-1341138 Datasheet
372Kb / 10P
D31H 2,2/ 3-FH-3,81-Y - PCB connector
1340373 PHOENIX-1340373 Datasheet
317Kb / 8P
D31H 2,2/ 8-V-3,81-X - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com