Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1340465 Datasheet (PDF) - PHOENIX CONTACT

1340465 Datasheet PDF - PHOENIX CONTACT
Part # 1340465
Download  1340465 Download
File Size   693.99 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31PC 2,2/ 4-3,81-X - PCB connector

1340465 Datasheet (PDF)

Go To PDF Page Download Datasheet
1340465 Datasheet PDF - PHOENIX CONTACT

Part # 1340465
Download  1340465 Click to download

File Size   693.99 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31PC 2,2/ 4-3,81-X - PCB connector

1340465 Datasheet (HTML) - PHOENIX CONTACT


1340465 Product details

PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 160 V, contact connection
type: Socket, number of rows: 2, number of positions: 4, product range: DD31PC 2,2/, pitch: 3.81
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: CONNEXIS DD, locking: Snap-in locking, mounting:
Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Contacts arranged in a double row enable high packing density in a compact area
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1340465

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340466 PHOENIX-1340466 Datasheet
727Kb / 13P
DD31PC 2,2/ 6-3,81-X - PCB connector
1340468 PHOENIX-1340468 Datasheet
730Kb / 13P
DD31PC 2,2/ 8-3,81-X - PCB connector
1340469 PHOENIX-1340469 Datasheet
730Kb / 13P
DD31PC 2,2/10-3,81-X - PCB connector
More results


Similar Description - 1340465

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340466 PHOENIX-1340466 Datasheet
727Kb / 13P
DD31PC 2,2/ 6-3,81-X - PCB connector
1340468 PHOENIX-1340468 Datasheet
730Kb / 13P
DD31PC 2,2/ 8-3,81-X - PCB connector
1340469 PHOENIX-1340469 Datasheet
730Kb / 13P
DD31PC 2,2/10-3,81-X - PCB connector
1340471 PHOENIX-1340471 Datasheet
729Kb / 13P
DD31PC 2,2/12-3,81-X - PCB connector
1340472 PHOENIX-1340472 Datasheet
696Kb / 12P
DD31PC 2,2/14-3,81-X - PCB connector
1340475 PHOENIX-1340475 Datasheet
694Kb / 12P
DD31PC 2,2/18-3,81-X - PCB connector
1340481 PHOENIX-1340481 Datasheet
724Kb / 13P
DD31PC 2,2/20-3,81-X - PCB connector
1341274 PHOENIX-1341274 Datasheet
493Kb / 11P
DD31PC 2,2/ 4-3,81-Y - PCB connector
1341276 PHOENIX-1341276 Datasheet
496Kb / 11P
DD31PC 2,2/ 8-3,81-Y - PCB connector
1341280 PHOENIX-1341280 Datasheet
496Kb / 11P
DD31PC 2,2/12-3,81-Y - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com