Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4323IPWR Datasheet (PDF) - Texas Instruments

OPA4323IPWR Datasheet PDF - Texas Instruments
Part # OPA4323IPWR
Download  OPA4323IPWR Download
File Size   2762.28 Kbytes
Page   49 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier

OPA4323IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4323IPWR Datasheet PDF - Texas Instruments

Part # OPA4323IPWR
Download  OPA4323IPWR Click to download

File Size   2762.28 Kbytes
Page   49 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier

OPA4323IPWR Datasheet (HTML) - Texas Instruments


OPA4323IPWR Product details

1 Features
• Zero cross amplifier for 1.7 V to 5.5 V applications
• High gain-bandwidth product: 20 MHz
• Fast slew-rate: 33 V/μs typical
• Fast 0.01% settling: 200 ns typical for 2 V step
• Low input offset voltage: ±150 μV typical
• Low noise floor: 5.5 nV/√Hz typical at 10 kHz
• High output current: ±110 mA typical ISC at 5.5 V
• Quiescent current: 1.6 mA/ch typical
• Rail-to-rail input and output
• Unity-gain stable
• Drives up to 150 pF without sustained oscillations
• Internal RFI and EMI filtered input pins
• Operating temperature range: –40°C to 125°C

2 Applications
• Amplifier driver for ADCs
• High side current sensing
• Motor rotary encoders
• Transimpedance photodiode amplifiers
• Audio microphone pre-amplifiers
• Ultrasonic transducers

3 Description
The OPAx323 family of op amps includes single
(OPA323), dual (OPA2323), and quad-channel
(OPA4323), low-voltage (1.7 V to 5.5 V), highbandwidth
(20 MHz) amplifiers (op amps) with a zerocrossover
input stage and a rail-to-rail output stage.
The zero-crossover input stage enables OPAx323
to achieve high linearity and low distortion for input
signals with rail-to-rail swing that are typical in
ADC driver applications. Gain-bandwidth of 20 MHz
provides a fast settling response for ADC sampling
speeds between 0.5 to 5 MSPS depending on
the settling performance required. OPAx323 is welloptimized
for power savings as it consumes just 1.6
mA typical quiescent current.
OPAx323 easily supports precision performance in
high gain voltage sensing applications such as
the wheatsone bridge, as it features maximum
offset drift of 2 μV/°C and thermal noise floor of
5.5 nV/rt-Hz with a minimum of 100 dB CMRR.
This unique combination of higher precision (low
offset, drift, noise, distortion, and CMRR) and higher
gain-bandwidth (fast settling and slewing) enables
use in multiple applications such as the motor
rotary encoders, microphone audio preamplfiers and
ultrasonic transducers.
OPAx323 achieves a high slew-rate of 33 V/μs
allowing for fast detection of faults in motor current
sensing applications. Unlike traditional amplifiers,
the zero-cross over input stage allows for identical
precision performance for both low and high-side
sensing applications, thus making OPAx323 the
best choice for current sensing in a variety of
end equipments such as the solar string inverters,
power delivery, grid and EV infrastructure. OPAx323S
devices provide shutdown functionality for additional
power savings and help disable the amplifier when
idle. The family features standard and small size as
well as leaded and QFN packages across all the
channel variants.




Similar Part No. - OPA4323IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4323IPWR TI-OPA4323IPWR Datasheet
1Mb / 31P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
OCTOBER 2023
OPA4323IPWR TI1-OPA4323IPWR Datasheet
2Mb / 49P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
NOVEMBER 2023
OPA4323IPWR TI1-OPA4323IPWR Datasheet
4Mb / 63P
OPAx323 20MHz High Bandwidth, 114dB CMRR, Low Voltage (1.7V to 5.5V), RRIO Zero-Cross Operational Amplifier
APRIL 2024
More results


Similar Description - OPA4323IPWR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS21801 ONSEMI-NCS21801 Datasheet
187Kb / 13P
Precision Operational Amplifier, 10 V, Zero-Drift, 1.6 V to 5.5 V Supply, 1.5 MHz
April, 2020 ??Rev. P1
logo
Texas Instruments
OPA310 TI-OPA310_V01 Datasheet
3Mb / 50P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED JULY 2022
OPA310 TI-OPA310_V02 Datasheet
4Mb / 55P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED SEPTEMBER 2022
OPA310 TI-OPA310_V03 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED OCTOBER 2022
OPA310 TI-OPA310_V04 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
TLV365 TI-TLV365 Datasheet
1Mb / 26P
TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
DECEMBER 2022
logo
ON Semiconductor
NCS21801 ONSEMI-NCS21801_V01 Datasheet
942Kb / 28P
Precision Operational Amplifier, 10 V, Zero-Drift, 1.6 V to 5.5 V Supply, 1.5 MHz
March, 2022 - Rev. 7
logo
Texas Instruments
OPA310 TI-OPA310_V05 Datasheet
4Mb / 60P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
OPA310 TI-OPA310_V06 Datasheet
5Mb / 68P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
OPA4323 TI-OPA4323 Datasheet
1Mb / 31P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com