Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1046A Datasheet (PDF) - Belden Inc.

1046A Datasheet PDF - Belden Inc.
Part # 1046A
Download  1046A Download
File Size   154.93 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER

1046A Datasheet (PDF)

Go To PDF Page Download Datasheet
1046A Datasheet PDF - Belden Inc.

Part # 1046A
Download  1046A Click to download

File Size   154.93 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER

1046A Datasheet (HTML) - Belden Inc.


1046A Product details

Product Description
UL Instrumentation, 36 Pair 16AWG (7x24) Bare Copper, PVC-NYL Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
600V TC-ER 150V NPLF TFN 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 1046A

ManufacturerPart #DatasheetDescription
logo
Heyco.
1046 HEYCO-1046 Datasheet
146Kb / 1P
Romex® Nylon Snap-in Strain Relief Box Connectors
logo
Walther-Werke
1046 WALTHER-1046 Datasheet
958Kb / 2P
Sockets IP 44
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
logo
SICK AG
1046010 SICK-1046010 Datasheet
1Mb / 8P
CONTRAST SENSORS
1046013 SICK-1046013 Datasheet
1Mb / 8P
CONTRAST SENSORS
More results


Similar Description - 1046A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1042A BELDEN-1042A Datasheet
208Kb / 2P
Inst, 12 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1037A BELDEN-1037A Datasheet
156Kb / 2P
Inst, 3 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1045A BELDEN-1045A Datasheet
218Kb / 2P
Inst, 24 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-28-2023
1090A BELDEN-1090A Datasheet
159Kb / 2P
Inst, 50 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF TFN
04-14-2023
1039A BELDEN-1039A Datasheet
157Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1055A BELDEN-1055A Datasheet
157Kb / 2P
Inst, 2 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
62P1836 BELDEN-62P1836 Datasheet
153Kb / 2P
Inst PVC/PVC, 36 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
04-14-2023
1052A BELDEN-1052A Datasheet
207Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1089A BELDEN-1089A Datasheet
161Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62P1624 BELDEN-62P1624 Datasheet
214Kb / 2P
Inst PVC/PVC, 24 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt,TC-ER NPLF 90C Dry 75C Wet
04-28-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com