Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1049A Datasheet (PDF) - Belden Inc.

1049A Datasheet PDF - Belden Inc.
Part # 1049A
Download  1049A Download
File Size   198.17 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 4 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet

1049A Datasheet (PDF)

Go To PDF Page Download Datasheet
1049A Datasheet PDF - Belden Inc.

Part # 1049A
Download  1049A Click to download

File Size   198.17 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 4 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet

1049A Datasheet (HTML) - Belden Inc.


1049A Product details

Product Description
UL Instrumentation, 4 Pair 18AWG (7x26) Bare Copper, PVC-NYL Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 1049A

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1049 KEYSTONE-1049 Datasheet
306Kb / 1P
“18650” LITHIUM-ION BATTERY HOLDERS
31-07 20th
logo
Time Electronics Ltd.
1049 TIME-ELECTRONICS-1049 Datasheet
194Kb / 1P
1049 PT100 Simulator
v1c 22/3/11
logo
List of Unclassifed Man...
10490 ETC-10490 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10490 HEYCO-10490 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
Weidmuller
1049000000 WEIDMULLER-1049000000 Datasheet
303Kb / 4P
SL 7.62HP/08/180G 3.2SN BK BX
More results


Similar Description - 1049A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1050A BELDEN-1050A Datasheet
156Kb / 2P
Inst, 8 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1063A BELDEN-1063A Datasheet
158Kb / 2P
Inst, 2 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1039A BELDEN-1039A Datasheet
157Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1048A BELDEN-1048A Datasheet
157Kb / 2P
Inst, 2 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1051A BELDEN-1051A Datasheet
155Kb / 2P
Inst, 12 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1065A BELDEN-1065A Datasheet
199Kb / 2P
Inst, 8 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1070A BELDEN-1070A Datasheet
161Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1052A BELDEN-1052A Datasheet
207Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1068A BELDEN-1068A Datasheet
157Kb / 2P
Inst, 24 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
3088A BELDEN-3088A Datasheet
158Kb / 2P
Inst, 1 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com