Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1924622 Datasheet (PDF) - PHOENIX CONTACT

1924622 Datasheet PDF - PHOENIX CONTACT
Part # 1924622
Download  1924622 Download
File Size   335.46 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MSTBV 2,5 HC/12-GF-5,08

1924622 Datasheet (PDF)

Go To PDF Page Download Datasheet
1924622 Datasheet PDF - PHOENIX CONTACT

Part # 1924622
Download  1924622 Click to download

File Size   335.46 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MSTBV 2,5 HC/12-GF-5,08

1924622 Datasheet (HTML) - PHOENIX CONTACT


1924622 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see derating
curve), rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number
of potentials: 12, number of rows: 1, number of positions: 12, number of connections: 12, product
range: MSTBV 2,5 HC/..-GF, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.9 mm, number of solder pins per potential: 1, plug-in system:
COMBICON MSTB 2,5 HC, Pin connector pattern alignment: Standard, locking: Screw locking,
mounting: Threaded flange, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1924622

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192462 FESTO-192462 Datasheet
100Kb / 1P
Air preparation unit
logo
Weidmuller
1924620000 WEIDMULLER-1924620000 Datasheet
168Kb / 10P
System pitch 10.16 mm (0.400 inch) - SU/BU BUZ 10.16HP/02/180F AG BK BX
February 14, 2011 12:43:18 PM
More results


Similar Description - 1924622

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1777170 PHOENIX-1777170 Datasheet
156Kb / 5P
MSTBV 2,5/12-GF-5,08
1776980 PHOENIX-1776980 Datasheet
300Kb / 10P
PCB header - MSTBV 2,5/12-GF
02/04/2022
1777235 PHOENIX-1777235 Datasheet
1Mb / 19P
PCB header - MSTBV 2,5/18-GF-5,08
Jul 21, 2022
1924525 PHOENIX-1924525 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 2-GF-5,08
Dec 30, 2022
1924538 PHOENIX-1924538 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 3-GF-5,08
Jan 3, 2023
1924541 PHOENIX-1924541 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 4-GF-5,08
Dec 30, 2022
1924567 PHOENIX-1924567 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 6-GF-5,08
Jan 3, 2023
1924583 PHOENIX-1924583 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/ 8-GF-5,08
1924606 PHOENIX-1924606 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/10-GF-5,08
1924570 PHOENIX-1924570 Datasheet
537Kb / 12P
MSTBV 2,5 HC/ 7-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com