Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM79XXA Datasheet (PDF) - Unisonic Technologies

LM79XXA Datasheet PDF - Unisonic Technologies
Part # LM79XXA
Download  LM79XXA Download
File Size   336.52 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR

LM79XXA Datasheet (PDF)

Go To PDF Page Download Datasheet
LM79XXA Datasheet PDF - Unisonic Technologies

Part # LM79XXA
Download  LM79XXA Click to download

File Size   336.52 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR

LM79XXA Datasheet (HTML) - Unisonic Technologies


LM79XXA Product details

DESCRIPTION
The UTC LM79XXA series of three-terminal negative
regulators is available several fixed output voltage, making them
useful in a wide range of application. Each type employs internal
current limiting, thermal shut-down and safe area protection,
making it essentially indestructible.
 FEATURES
* Output Current Up to 1.5A
*-5V, -7V, -12V, -15V Output Voltage Available
* Thermal Overload Protection




Similar Part No. - LM79XXA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79XXAT FAIRCHILD-LM79XXAT Datasheet
194Kb / 15P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Similar Description - LM79XXA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1923 NTE-NTE1923 Datasheet
25Kb / 2P
3 Terminal Negative Voltage Regulator -18V, 1.5A
NTE1925 NTE-NTE1925 Datasheet
25Kb / 2P
3 Terminal Negative Voltage Regulator -18V, 1.5A
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
logo
Unisonic Technologies
79D05AA UTC-79D05AA Datasheet
196Kb / 4P
3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
logo
SHIKUES Electronics
SK79 SKTECHNOLGY-SK79 Datasheet
915Kb / 4P
3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79DXXAA UTC-79DXXAA Datasheet
211Kb / 5P
3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
79TXXAA UTC-79TXXAA Datasheet
190Kb / 5P
3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com