Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5513 Datasheet (PDF) - Unisonic Technologies

UR5513 Datasheet PDF - Unisonic Technologies
Part # UR5513
Download  UR5513 Download
File Size   285.54 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A DDR BUS TERMINATION REGULATOR

UR5513 Datasheet (PDF)

Go To PDF Page Download Datasheet
UR5513 Datasheet PDF - Unisonic Technologies

Part # UR5513
Download  UR5513 Click to download

File Size   285.54 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A DDR BUS TERMINATION REGULATOR

UR5513 Datasheet (HTML) - Unisonic Technologies


UR5513 Product details

DESCRIPTION
The UR5513 is a sink/source tracking termination regulator. The
UR5513 possesses ahigh speed operating amplifier that provides
fast load transient response and only requires a minimum 30uF
ceramic output capacitor. The UR5513 supports remote sensing
functions and all features required to power the DDRIII and Low
Power DDRIII/DDRIV VTT bus termination. In addition , the UR5513
Provides an open-drain PGOOD signal to monitor the output
regulation and an EN signal that can be used to discharge VTT
during S3(suspent to RAM) for DDR applications.
 FEATURES
* VCNTL Voltage Range: 2.9~5.5V
* VIN Voltage Range: 1.1V~3.5V
* Support Ceramic Capacitors
* Power Good Indicator
* DDRIII,Low Power DDRIII/DDRIV VTT Applications
* 2A Source/Sink VTT output
* 10mA Source/Sink Reference output
* Soft-start Function
* UVLO and OCP Protection
* Thermal Shutdown Protection




Similar Part No. - UR5513

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
207Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
184Kb / 6P
2A DDR BUS TERMINATION REGULATOR
UR5512-S08-R UTC-UR5512-S08-R Datasheet
207Kb / 7P
2A DDR BUS TERMINATION REGULATOR
More results


Similar Description - UR5513

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512_09 Datasheet
207Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR6515C UTC-UR6515C Datasheet
666Kb / 8P
2A DDR BUS TERMINATION REGULATOR
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Unisonic Technologies
UR5512 UTC-UR5512_14 Datasheet
184Kb / 6P
2A DDR BUS TERMINATION REGULATOR
UR6511 UTC-UR6511 Datasheet
139Kb / 4P
2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
2A DDR BUS TERMINATION REGULATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com