Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25750 Datasheet (PDF) - Texas Instruments

BQ25750 Datasheet PDF - Texas Instruments
Part # BQ25750
Download  BQ25750 Download
File Size   3748.54 Kbytes
Page   84 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ25750: Standalone/I2C Controlled, 1- to 14-Cell Bidirectional Buck-Boost Battery Charge Controller with Direct Power Path Control

BQ25750 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25750 Datasheet PDF - Texas Instruments

Part # BQ25750
Download  BQ25750 Click to download

File Size   3748.54 Kbytes
Page   84 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ25750: Standalone/I2C Controlled, 1- to 14-Cell Bidirectional Buck-Boost Battery Charge Controller with Direct Power Path Control

BQ25750 Datasheet (HTML) - Texas Instruments


BQ25750 Product details

1 Features
• Wide input voltage operating range: 4.2 V to 70 V
• Wide battery voltage operating range: up-to 70 V
with multi-chemistry support:
– 1- to 14-cell Li-ion charge profile
– 1- to 16-cell LiFePO4 charge profile
• Synchronous buck-boost charge controller with
NFET drivers
– Adjustable switching frequency from 200 kHz to
600 kHz
– Optional synchronization to external clock
– Integrated loop compensation with soft start
– Optional gate driver supply input for optimized
efficiency
• Bidirectional converter operation (Reverse Mode)
supporting USB-PD Extended Power Range (EPR)
– Adjustable input voltage (VAC) regulation from
3.3 V to 65 V with 20-mV/step
– Adjustable input current regulation (RAC_SNS)
from 400 mA to 20 A with 50-mA/step using
5-mΩ resistor
• Direct power path management for highest
efficiency to power system
– System power selection from adapter or battery
– Dynamic power management
– All N-channel FET drivers
• High accuracy
– ±0.5% charge voltage regulation
– ±3% charge current regulation
– ±3% input current regulation
• I2C controlled for optimal system performance with
resistor-programmable option
– Hardware adjustable input and output current
limits
• Integrated 16-bit ADC for voltage, current, and
temperature monitoring
• Low battery quiescent current
• High safety integration
– Adjustable input overvoltage and undervoltage
protection
– Battery overvoltage and overcurrent protection
– Charging safety timer
– Battery short protection
– Thermal shutdown
• Status outputs
– Adapter present status (PG)
– Charger operation status
• Package
– 36-pin 5 mm × 6 mm QFN

2 Applications
• Cordless power and garden tools
• Solar backup charger
• Energy storage systems
• Drone
• Ultrasound
• X-ray systems
• Electronic hospital beds and bed control
• Multiparameter patient monitors

3 Description
The BQ25750 is a wide input voltage, switched-mode
buck-boost Li-Ion, Li-polymer, or LiFePO4 battery
charge controller with direct power path control.
The device offers high-efficiency battery charging
over a wide voltage range with accurate charge
current and charge voltage regulation, in addition to
automatic charge preconditioning, termination, and
charge status indication. The device integrates all
the loop compensation for the buck-boost converter,
thereby providing a high density solution with ease of
use. In reverse mode, the device draws power from
the battery and regulates the SYS terminal voltage.




Similar Part No. - BQ25750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25750 TI1-BQ25750 Datasheet
3Mb / 75P
BQ25820: Standalone/I2C Controlled, 1- to 14-Cell Bidirectional Buck Battery Charge Controller with Direct Power Path Control
JULY 2024
BQ25750 TI1-BQ25750 Datasheet
4Mb / 71P
BQ25758A: I2C Controlled, Bidirectional Buck-Boost Controller with Wide Voltage Range
AUGUST 2024
BQ25750 TI1-BQ25750 Datasheet
3Mb / 68P
BQ25758S: I2C Controlled, Bidirectional Buck-Boost Controller
AUGUST 2024
BQ25750 TI-BQ25750 Datasheet
3Mb / 78P
BQ25751: Standalone/I2C Controlled, 70V Bidirectional Buck-Boost Lead Acid Battery Charge Controller with Direct Power Path Control
DECEMBER 2024
More results


Similar Description - BQ25750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25887 TI1-BQ25887 Datasheet
2Mb / 79P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25887_1904 TI1-BQ25887_1904 Datasheet
2Mb / 83P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ24800 TI1-BQ24800 Datasheet
857Kb / 11P
BQ24800 SMBus 1- to 4-Cell Buck Battery Charge Controller With Peak Power, Hybrid Power Boost and Battery Only Boost Modes
BQ25731 TI1-BQ25731 Datasheet
329Kb / 14P
BQ25731 I2C 1- to 5-Cell Narrow VDC Buck-Boost Battery Charge Controller
BQ25730 TI-BQ25730 Datasheet
3Mb / 106P
BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
BQ24179 TI-BQ24179 Datasheet
3Mb / 126P
BQ24179 I2C Controlled, 1- to 4-Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25756 TI1-BQ25756 Datasheet
3Mb / 84P
BQ25756: Standalone/I2C Controlled, 1- to 14-Cell Bidirectional Buck-Boost Battery Charge Controller
AUGUST 2023
BQ25756E TI1-BQ25756E Datasheet
3Mb / 87P
BQ25756E: Standalone/I2C Controlled, 1- to 7-Cell Bidirectional Buck-Boost Battery Charge Controller
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com