Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39RF10EF Datasheet (PDF) - Texas Instruments

DAC39RF10EF Datasheet PDF - Texas Instruments
Part # DAC39RF10EF
Download  DAC39RF10EF Download
File Size   12460.69 Kbytes
Page   180 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface

DAC39RF10EF Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC39RF10EF Datasheet PDF - Texas Instruments

Part # DAC39RF10EF
Download  DAC39RF10EF Click to download

File Size   12460.69 Kbytes
Page   180 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface

DAC39RF10EF Datasheet (HTML) - Texas Instruments


DAC39RF10EF Product details

1 Features
• 10.24/20.48-GSPS, multi-Nyquist DAC Cores
• Maximum input data rate vs DAC resolution:
– 16-bit: 1.22 GSPS complex
– 11-bit: 3.41 GSPS complex
– 9-bit, Single channel, DES mode: 15.12 GSPS
– 8-bit, Single channel, DES mode: 20.48 GSPS
– 9-bit, Dual channel: 7.56 GSPS/ch
– 8-bit, Dual channel, 10.24 GSPS/ch
• Output bandwidth (-3dB): 12 GHz
• Performance at fOUT = 2.997 GHz, DES2XL mode,
DEM/Dither on
– Noise floor (small signal): –150 dBFS/Hz
– SFDR (-0.1dBFS) : 77 dBc
– IMD3 (-7dBFS each tone) : –69 dBc
• Four Integrated digital up-converters (DUC)
– Interpolation: 1x, 2x, 3x, 4x, 6x, 8x, 12x ... 256x
– Complex baseband DUC for I/Q output
– Complex to real up conversion for dual channel
direct RF sampling
– 64-bit frequency resolution NCOs
• Fast reconfiguration interface for fast frequency
hopping
– 4-bit data with 200 MHz clock
– 60 ns reconfiguration (32-bit frequency)
– Any frequency hopping with phase coherence
• JESD204C Interface
– Up to 16 Lanes at up to 12.8 Gbps
– Class C-S, subclass-1 compatible
– Internal AC coupling capacitors
• SYSREF Windowing for automatic SYSREF timing
calibration

2 Applications
• Arbitrary Waveform Generator (AWG)
• Wireless Communications Testers

3 Description
The DAC39RF10EF and 'RFS10EF are a family of
dual and single channel digital-to-analog converters
(DAC) with 16-bit resolution. The devices can be
used as non-interpolating or interpolating DACs for
either direct RF sampling or complex baseband signal
generation. The maximum input data rate is 20.48
GSPS for a single channel or 10.24 GSPS for two
channels. The device can generate signals of up to
10, 2.73 or 1 GHz signal bandwidth (8, 11, and 16-
bit input resolution) at carrier frequencies exceeding
8 GHz enabling direct sampling through C-band and
into X-band.
The high sampling rate, output frequency range, 64-
bit NCO frequency resolution and any frequency
hopping with phase coherence also makes
DAC39RF10EF and 'RFS10EF capable of arbitrary
waveform generation (AWG) and direct digital
synthesis (DDS).
A JESD204B and JESD204C compatible serial
interface has 16 receiver pairs capable of up to 12.8
Gbps. The interface is JESD204B and JESD204C
subclass-1 compliant for deterministic latency and
multi-device synchronization through the use of
SYSREF.




Similar Part No. - DAC39RF10EF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39RF10EF TI1-DAC39RF10EF Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF10EF TI1-DAC39RF10EF Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10EF TI1-DAC39RF10EF Datasheet
14Mb / 226P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MARCH 2024
DAC39RF10EF TI1-DAC39RF10EF Datasheet
14Mb / 213P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
MARCH 2024
DAC39RF10EF TI1-DAC39RF10EF Datasheet
14Mb / 226P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MARCH 2024
More results


Similar Description - DAC39RF10EF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
Rev. 0
logo
DATEL, Inc.
ADS-424SE DATEL-ADS-424SE Datasheet
134Kb / 1P
Multi-Channel Analog to Digital converter
ADS-424SM DATEL-ADS-424SM Datasheet
134Kb / 1P
Multi-Channel Analog to Digital converter
ADS-429SE DATEL-ADS-429SE Datasheet
134Kb / 1P
Multi-Channel Analog to Digital converter
ADS-429SM DATEL-ADS-429SM Datasheet
134Kb / 1P
Multi-Channel Analog to Digital converter
logo
Analog Devices
AD9207 AD-AD9207 Datasheet
252Kb / 5P
12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
DAC39RF10 TI1-DAC39RF10_V01 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF12 TI1-DAC39RF12 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com