Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC8541 Datasheet (PDF) - Texas Instruments

SN74AC8541 Datasheet PDF - Texas Instruments
Part # SN74AC8541
Download  SN74AC8541 Download
File Size   1600.66 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC8541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs

SN74AC8541 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AC8541 Datasheet PDF - Texas Instruments

Part # SN74AC8541
Download  SN74AC8541 Click to download

File Size   1600.66 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC8541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs

SN74AC8541 Datasheet (HTML) - Texas Instruments


SN74AC8541 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Wide operating range of 1.5 V to 6 V
• Inputs accept voltages up to 6 V
• Continuous ±24-mA output drive at 5 V
• Supports up to ±75-mA output drive at 5 V
in short bursts
• Drives 50-Ω transmission lines
• Maximum tpd of 6 ns at 5 V, 50 pF load

2 Applications
• Enable or disable a digital signal
• Eliminate slow or noisy input signals
• Hold a signal during controller reset
• Debounce a switch

3 Description
The SN74AC8541-Q1 contains eight independent
logic buffers with Schmitt-trigger inputs. The outputs
can simultaneously be put into the high-impedance
state using either of the provided output enable pins
(OE1 or OE2).




Similar Part No. - SN74AC8541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC8541 TI1-SN74AC8541 Datasheet
1Mb / 29P
SN74AC8541 Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
SN74AC8541 TI1-SN74AC8541 Datasheet
1Mb / 28P
SN74AC8541 Octal Buffers or Drivers With 3-State Outputs
MARCH 2024
SN74AC8541 TI1-SN74AC8541 Datasheet
1Mb / 30P
SN74AC8541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MARCH 2024
SN74AC8541-Q1 TI1-SN74AC8541-Q1 Datasheet
1Mb / 29P
SN74AC8541 Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
SN74AC8541-Q1 TI1-SN74AC8541-Q1 Datasheet
1Mb / 28P
SN74AC8541 Octal Buffers or Drivers With 3-State Outputs
MARCH 2024
More results


Similar Description - SN74AC8541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244A-Q1 TI-SN74LV244A-Q1 Datasheet
1Mb / 27P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers with 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V01 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V02 Datasheet
1Mb / 24P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V03 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V04 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74AC244-Q1 TI-SN74AC244-Q1 Datasheet
1Mb / 28P
SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MAY 2023
SN74AC244-Q1 TI1-SN74AC244-Q1_V01 Datasheet
1Mb / 28P
SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
REVISED AUGUST 2023
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
SN74AC8541 TI1-SN74AC8541 Datasheet
1Mb / 29P
SN74AC8541 Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com