Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA4307 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TCA4307 Datasheet PDF - Texas Instruments
Part # TCA4307
Download  TCA4307 Download
File Size   1204.92 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery

TCA4307 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA4307 Datasheet PDF - Texas Instruments

Part # TCA4307
Download  TCA4307 Click to download

File Size   1204.92 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery

TCA4307 Datasheet (HTML) - Texas Instruments


TCA4307 Product details

1 Features
• Supports bidirectional data transfer of I2C bus
signals
• Operating power-supply voltage range of 2.3 V to
5.5 V
• TA ambient air temperature range of
-40 °C to 125 °C
• Stuck bus recovery featuring automatic bus
recovery
• 1-V Precharge on all SDA and SCL lines prevents
corruption during live insertion
• Accommodates standard mode and fast mode I2C
devices
• Supports clock stretching, arbitration and
synchronization
• Powered-off high-impedance I2C pins

2 Applications
• Servers
• Enterprise Switching
• Telecom switching equipment
• Base stations
• Industrial automation equipment

3 Description
The TCA4307 is a hot-swappable I2C bus buffer
that supports I/O card insertion into a live backplane
without corruption of the data and clock lines. Control
circuitry prevents the backplane-side I2C lines (in)
from being connected to the card-side I2C lines (out)
until a stop command or bus idle condition occurs
on the backplane without bus contention on the card.
When the connection is made, this device provides
bidirectional buffering, keeping the backplane and
card capacitance isolated. During insertion, the SDA
and SCL lines are pre-charged to 1 V to minimize the
current required to charge the parasitic capacitance of
the device.
The TCA4307 has stuck bus recovery, which
automatically disconnects the bus if it detects either
SDAOUT or SCLOUT are low for about 40 ms. Once
the bus is disconnected, the device automatically
generates up to 16 pulses on SCLOUT to attempt to
reset the device which is holding the bus low.
When the I2C bus is idle, the TCA4307 can be put into
shutdown mode by setting the EN pin low, reducing
power consumption. When EN is pulled high, the
TCA4307 resumes normal operation. It also includes
an open drain READY output pin, which indicates that
the backplane and card sides are connected together.
When READY is high, the SDAIN and SCLIN are
connected to SDAOUT and SCLOUT. When the two
sides are disconnected, READY is low.




Similar Part No. - TCA4307

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4307 TI-TCA4307 Datasheet
1Mb / 26P
TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
TCA4307DGKR TI-TCA4307DGKR Datasheet
1Mb / 26P
TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
More results


Similar Description - TCA4307

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
Texas Instruments
TCA4307 TI-TCA4307 Datasheet
1Mb / 26P
TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com