Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSRI2X25-065P1B Datasheet (PDF) - DACO SEMICONDUCTOR CO.,LTD.

CSRI2X25-065P1B Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.
Part # CSRI2X25-065P1B
Download  CSRI2X25-065P1B Download
File Size   380.13 Kbytes
Page   4 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SiC SCHOTTKY DIODE TYPE 2×25A

CSRI2X25-065P1B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSRI2X25-065P1B Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.

Part # CSRI2X25-065P1B
Download  CSRI2X25-065P1B Click to download

File Size   380.13 Kbytes
Page   4 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SiC SCHOTTKY DIODE TYPE 2×25A

CSRI2X25-065P1B Datasheet (HTML) - DACO SEMICONDUCTOR CO.,LTD.


CSRI2X25-065P1B Product details

Features

High surge current capable
Temperature Independent Switching Behavior
Zero reverse recovery current
VDC 650V
High bandwidth
le (Tetase) 225A
Isolation type package

Applications
Motor drives
Power factor correction
Switch mode power supplies
Diode snubber
Ev chargers
Automotive
Solar inverters
induction heating
Welding equipment




Similar Part No. - CSRI2X25-065P1B

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X25-065P2B DACO-CSRI2X25-065P2B Datasheet
516Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×25A
May 2023 Rev.1.0
More results


Similar Description - CSRI2X25-065P1B

ManufacturerPart #DatasheetDescription
logo
UnitedSiC.
UJ3D1725K2 UNITEDSIC-UJ3D1725K2 Datasheet
329Kb / 6P
25A - 1700V SiC Schottky Diode
Rev. A, September 2020
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X100-065P1B DACO-CSRI2X100-065P1B Datasheet
1Mb / 4P
SiC SCHOTTKY DIODE TYPE 2×100A
Feb 2023 Rev.1.3
CSRI2X100-065P2B DACO-CSRI2X100-065P2B Datasheet
519Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×100A
May 2023 Rev.1.0
CSRI2X140-120P1B DACO-CSRI2X140-120P1B Datasheet
377Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×140A
Feb 2023 Rev. 1.1
CSRI2X25-065P2B DACO-CSRI2X25-065P2B Datasheet
516Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×25A
May 2023 Rev.1.0
CSRI2X25-120P1B DACO-CSRI2X25-120P1B Datasheet
392Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×25A
Feb 2023 Rev.1.1
CSRI2X25-170P1B DACO-CSRI2X25-170P1B Datasheet
378Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×25A
Feb 2023 Rev 1.2
CSRI2X50-120P1B DACO-CSRI2X50-120P1B Datasheet
423Kb / 5P
SiC SCHOTTKY DIODE TYPE 2×50A
Feb 2023 Rev 1.2
CSRI2X75-120P1B DACO-CSRI2X75-120P1B Datasheet
392Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
CSRI2X75-170P1B DACO-CSRI2X75-170P1B Datasheet
378Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com