Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAMH50N500H Datasheet (PDF) - DACO SEMICONDUCTOR CO.,LTD.

DAMH50N500H Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.
Part # DAMH50N500H
Download  DAMH50N500H Download
File Size   334.05 Kbytes
Page   5 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description N-Channel Enhancement Mode Power MOSFET 500V / 50A

DAMH50N500H Datasheet (PDF)

Go To PDF Page Download Datasheet
DAMH50N500H Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.

Part # DAMH50N500H
Download  DAMH50N500H Click to download

File Size   334.05 Kbytes
Page   5 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description N-Channel Enhancement Mode Power MOSFET 500V / 50A

DAMH50N500H Datasheet (HTML) - DACO SEMICONDUCTOR CO.,LTD.


DAMH50N500H Product details

Features

VDss =500V
Roson) TyP-110mQ@ Vgs = 10 V
Fully Avalanche Rated
Pb Free & RoHS Compliant
Isolation Type Package
Electrically Isolation base plate

Applications

Backlighting
Power Converters
Synchronous Rectifiers




Similar Part No. - DAMH50N500H

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAMH560N100 DACO-DAMH560N100 Datasheet
561Kb / 5P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - DAMH50N500H

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
500V N-Channel Enhancement Mode MOSFET
PJP830 PANJIT-PJP830 Datasheet
216Kb / 6P
500V N-Channel Enhancement Mode MOSFET
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
500V N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
50N06 WXDH-50N06 Datasheet
808Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
B50N06 WXDH-B50N06 Datasheet
812Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
D50N06 WXDH-D50N06 Datasheet
807Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
E50N06 WXDH-E50N06 Datasheet
808Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
F50N06 WXDH-F50N06 Datasheet
808Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
I50N06 WXDH-I50N06 Datasheet
807Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com