Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQE004NE1LM7SC Datasheet (PDF) - Infineon Technologies AG

IQE004NE1LM7SC Datasheet PDF - Infineon Technologies AG
Part # IQE004NE1LM7SC
Download  IQE004NE1LM7SC Download
File Size   1295.89 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 7 Power-Transistor, 15 V

IQE004NE1LM7SC Datasheet (PDF)

Go To PDF Page Download Datasheet
IQE004NE1LM7SC Datasheet PDF - Infineon Technologies AG

Part # IQE004NE1LM7SC
Download  IQE004NE1LM7SC Click to download

File Size   1295.89 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 7 Power-Transistor, 15 V

IQE004NE1LM7SC Datasheet (HTML) - Infineon Technologies AG


IQE004NE1LM7SC Product details

Features
• N-channel, logic level
• Very low on-resistance RDS(on)
• Superior thermal resistance
• 100% avalanche tested
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• Optimized for high performance SMPS, e.g. synchronous rectification




Similar Part No. - IQE004NE1LM7SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQE004NE1LM7 INFINEON-IQE004NE1LM7 Datasheet
1,020Kb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7CG INFINEON-IQE004NE1LM7CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7CGSC INFINEON-IQE004NE1LM7CGSC Datasheet
1Mb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
More results


Similar Description - IQE004NE1LM7SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC014N06NSSC INFINEON-BSC014N06NSSC Datasheet
982Kb / 11P
MOSFET OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2019-11-12
BSC0302LS INFINEON-BSC0302LS Datasheet
1Mb / 13P
MOSFET OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.2, 2022-09-21
IPD40DP06NM INFINEON-IPD40DP06NM Datasheet
890Kb / 10P
MOSFET OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2019-03-26
IPD650P06NM INFINEON-IPD650P06NM Datasheet
913Kb / 10P
MOSFET OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2019-04-02
IQD005N04NM6CG INFINEON-IQD005N04NM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
IQD020N10NM5CG INFINEON-IQD020N10NM5CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2023-04-04
IQE004NE1LM7 INFINEON-IQE004NE1LM7 Datasheet
1,020Kb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7CG INFINEON-IQE004NE1LM7CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7CGSC INFINEON-IQE004NE1LM7CGSC Datasheet
1Mb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
ISK018NE1LM7 INFINEON-ISK018NE1LM7 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.1, 2023-09-25
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com