Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRI2X160-200A Datasheet (PDF) - DACO SEMICONDUCTOR CO.,LTD.

MBRI2X160-200A Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.
Part # MBRI2X160-200A
Download  MBRI2X160-200A Download
File Size   300.79 Kbytes
Page   3 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SCHOTTKY DIODE MODULE TYPE 2X160A / 200V

MBRI2X160-200A Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRI2X160-200A Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.

Part # MBRI2X160-200A
Download  MBRI2X160-200A Click to download

File Size   300.79 Kbytes
Page   3 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SCHOTTKY DIODE MODULE TYPE 2X160A / 200V

MBRI2X160-200A Datasheet (HTML) - DACO SEMICONDUCTOR CO.,LTD.


MBRI2X160-200A Product details

Features
High Surge Capability
Type 200V Vrpm
Isolation Type Package
Electrically Isolation Base Plate
RoHS Compliant




Similar Part No. - MBRI2X160-200A

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
MBRI2X160-080A DACO-MBRI2X160-080A Datasheet
319Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 80V
April 2022 Rev 1.2
MBRI2X160-100A DACO-MBRI2X160-100A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 100V
April 2022 Rev 1.2
MBRI2X160-120A DACO-MBRI2X160-120A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 120V
April 2022 Rev 1.2
MBRI2X160-150A DACO-MBRI2X160-150A Datasheet
301Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 150V
April 2022 Rev 1.2
MBRI2X160-180A DACO-MBRI2X160-180A Datasheet
320Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 180V
April 2022 Rev 1.2
More results


Similar Description - MBRI2X160-200A

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
MBRI2X121-200A DACO-MBRI2X121-200A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X120A / 200V
April 2022 Rev 1.2
MBRI2X160-080A DACO-MBRI2X160-080A Datasheet
319Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 80V
April 2022 Rev 1.2
MBRI2X160-100A DACO-MBRI2X160-100A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 100V
April 2022 Rev 1.2
MBRI2X160-120A DACO-MBRI2X160-120A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 120V
April 2022 Rev 1.2
MBRI2X160-150A DACO-MBRI2X160-150A Datasheet
301Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 150V
April 2022 Rev 1.2
MBRI2X160-180A DACO-MBRI2X160-180A Datasheet
320Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 180V
April 2022 Rev 1.2
MBRI2X161-100A DACO-MBRI2X161-100A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X160A / 100V
April 2022 Rev 1.2
MBRI2X50-200A DACO-MBRI2X50-200A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X50A / 200V
April 2022 Rev 1.2
MBRI2X51-200A DACO-MBRI2X51-200A Datasheet
310Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X50A / 200V
April 2022 Rev 1.2
MBRI2X61-200A DACO-MBRI2X61-200A Datasheet
301Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 200V
April 2022 Rev 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com