Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRI2X60-060A Datasheet (PDF) - DACO SEMICONDUCTOR CO.,LTD.

MBRI2X60-060A Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.
Part # MBRI2X60-060A
Download  MBRI2X60-060A Download
File Size   309.72 Kbytes
Page   3 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SCHOTTKY DIODE MODULE TYPE 2X60A / 60V

MBRI2X60-060A Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRI2X60-060A Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.

Part # MBRI2X60-060A
Download  MBRI2X60-060A Click to download

File Size   309.72 Kbytes
Page   3 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SCHOTTKY DIODE MODULE TYPE 2X60A / 60V

MBRI2X60-060A Datasheet (HTML) - DACO SEMICONDUCTOR CO.,LTD.


MBRI2X60-060A Product details

Features
High Surge Capability
Type 60V Vrpm
Isolation Type Package
Electrically Isolation Base Plate
RoHS Compliant




Similar Part No. - MBRI2X60-060A

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
MBRI2X60-045A DACO-MBRI2X60-045A Datasheet
311Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 45V
April 2022 Rev 1.2
MBRI2X60-080A DACO-MBRI2X60-080A Datasheet
293Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 80V
April 2022 Rev 1.2
More results


Similar Description - MBRI2X60-060A

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
MBRI2X60-080A DACO-MBRI2X60-080A Datasheet
293Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 80V
April 2022 Rev 1.2
MBRI2X60-120A DACO-MBRI2X60-120A Datasheet
318Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 120V
April 2022 Rev 1.2
MBRI2X60-150A DACO-MBRI2X60-150A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 150V
April 2022 Rev 1.2
MBRI2X60-180A DACO-MBRI2X60-180A Datasheet
319Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 180V
April 2022 Rev 1.2
MBRI2X60-200A DACO-MBRI2X60-200A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 200V
April 2022 Rev 1.2
MBRI2X61-045A DACO-MBRI2X61-045A Datasheet
311Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 45V
April 2022 Rev 1.0
MBRI2X61-060A DACO-MBRI2X61-060A Datasheet
291Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 60V
April 2022 Rev 1.0
MBRI2X61-080A DACO-MBRI2X61-080A Datasheet
292Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 80V
April 2022 Rev 1.0
MBRI2X61-120A DACO-MBRI2X61-120A Datasheet
300Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 120V
April 2022 Rev 1.2
MBRI2X61-150A DACO-MBRI2X61-150A Datasheet
318Kb / 3P
SCHOTTKY DIODE MODULE TYPE 2X60A / 150V
April 2022 Rev 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com