Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

045N10A Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

045N10A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 045N10A
Download  045N10A Download
File Size   1736.94 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100 V N-Channel MOSFET

045N10A Datasheet (PDF)

Go To PDF Page Download Datasheet
045N10A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 045N10A
Download  045N10A Click to download

File Size   1736.94 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100 V N-Channel MOSFET

045N10A Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


045N10A Product details

• Fast switching speed
• Low gate charge, QG=54 nC (typical)
• High performance channel technology can achieve very low
RDS(on).
• High power and high current handling capacity
• Meet RoHS standards
•VDS=100V
•ID(at VGS=10V)=100A
•RDS(ON) (at VGS=10V) < 3.8mΩ




Similar Part No. - 045N10A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
045N10N INFINEON-045N10N Datasheet
1Mb / 10P
OptiMOSTM3 Power-Transistor, 100 V
Rev.2.4,2016-01-22
045N10N INFINEON-045N10N Datasheet
283Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-05-12
More results


Similar Description - 045N10A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4494M ACE-ACE4494M Datasheet
477Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE2372M ACE-ACE2372M Datasheet
538Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4010M ACE-ACE4010M Datasheet
541Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4490M ACE-ACE4490M Datasheet
486Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE18010M04N ACE-ACE18010M04N Datasheet
703Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE6010M70N ACE-ACE6010M70N Datasheet
691Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
065N10N UMW-065N10N Datasheet
884Kb / 9P
100 V N-Channel MOSFET
45N10N3G UMW-45N10N3G Datasheet
1Mb / 9P
100 V N-Channel MOSFET
IRFB4110 UMW-IRFB4110 Datasheet
843Kb / 9P
100 V N-Channel MOSFET
IRFS4410Z UMW-IRFS4410Z Datasheet
531Kb / 9P
100 V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com