Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N60 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

4N60 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 4N60
Download  4N60 Download
File Size   1816.15 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-channel power MOS tube

4N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N60 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 4N60
Download  4N60 Click to download

File Size   1816.15 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-channel power MOS tube

4N60 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


4N60 Product details

Features
* VDS (V)=600V
* RDS(ON) ≤ 2.4 (VGS = 10V)
* ID=4.0A




Similar Part No. - 4N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
152Kb / 8P
4 Amps, 600 Volts N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
4N60 ESTEK-4N60 Datasheet
543Kb / 5P
4 Amps竊?00Volts N-Channel MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
397Kb / 8P
4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60 Datasheet
376Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
4N60 UTC-4N60 Datasheet
408Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
More results


Similar Description - 4N60

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
8205SS FUMAN-8205SS Datasheet
93Kb / 1P
N-channel power MOS field effect tube
8810 FUMAN-8810 Datasheet
270Kb / 1P
N-channel power MOS field effect tube
8810A FUMAN-8810A Datasheet
150Kb / 1P
N-channel power MOS field effect tube
logo
Guangdong Youtai Semico...
10N65F UMW-10N65F Datasheet
494Kb / 9P
N-channel power MOS tube
2N60 UMW-2N60 Datasheet
2Mb / 9P
N-channel power MOS tube
2N65 UMW-2N65 Datasheet
2Mb / 11P
N-channel power MOS tube
4N65 UMW-4N65 Datasheet
809Kb / 9P
N-channel power MOS tube
5N65 UMW-5N65 Datasheet
560Kb / 9P
N-channel power MOS tube
7N65 UMW-7N65 Datasheet
692Kb / 11P
N-channel power MOS tube
UMW4N65F UMW-UMW4N65F Datasheet
540Kb / 6P
N-channel power MOS tube
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com