Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR2905TR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRLR2905TR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRLR2905TR
Download  IRLR2905TR Download
File Size   1241.93 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel Enhancement Mode Power MOSFET

IRLR2905TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR2905TR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRLR2905TR
Download  IRLR2905TR Click to download

File Size   1241.93 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel Enhancement Mode Power MOSFET

IRLR2905TR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRLR2905TR Product details

General Description
The UMW IRLR2905TR uses advanced trench technology
and design to provide excellent RDS(ON) with low gate
charge. It can be used in a wide variety of applications.

Features
VDS = 60V,ID =30A
RDS(ON),23mΩ(Typ) @ VGS =10V
RDS(ON),29mΩ(Typ) @ VGS =4.5V
Advanced Trench Technology
Excellent RDS(ON) and Low Gate Charge
Lead free product is acquired

Application
Load Switch
PWM Application
Power management




Similar Part No. - IRLR2905TR

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRLR2905TR EVVOSEMI-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
Rev:2023A2
logo
International Rectifier
IRLR2905TRLPBF IRF-IRLR2905TRLPBF Datasheet
319Kb / 11P
Advanced Process Technology
IRLR2905TRPBF IRF-IRLR2905TRPBF Datasheet
319Kb / 11P
Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRLR2905TRPBF VBSEMI-IRLR2905TRPBF Datasheet
988Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
More results


Similar Description - IRLR2905TR

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com