Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1117 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

LD1117 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # LD1117
Download  LD1117 Download
File Size   2202.22 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The voltage drop is only 1.2V at 1A output current

LD1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD1117 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # LD1117
Download  LD1117 Click to download

File Size   2202.22 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The voltage drop is only 1.2V at 1A output current

LD1117 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


LD1117 Product details

■ Features
● The voltage drop is only 1.2V at 1A output current
● Current limiting function
● Overheating protection function
● There are fixed output voltages of 1.2V, 1.8V, 2.5V, 3.3V,
5.0V and adjustable output voltage versions
● The voltage accuracy of fixed output voltage 1.2V is 2%
● Fixed output voltage 1.8V, 2.5V, 3.3V, 5.0V
And the accuracy of adjustable output voltage is 1.5%
● Temperature range: -40℃ ~ +125℃




Similar Part No. - LD1117

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
06-Dec-2006
logo
Unisonic Technologies
LD1117 UTC-LD1117 Datasheet
344Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117 UTC-LD1117 Datasheet
385Kb / 15P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117 STMICROELECTRONICS-LD1117 Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
More results


Similar Description - LD1117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117-N TI-LM1117-N Datasheet
2Mb / 32P
The LM1117-N is a series of low dropout voltage regulators with a dropout of 1.2V at 800mA of load current.
logo
Global Mixed-mode Techn...
G912 GMT-G912 Datasheet
38Kb / 1P
1.2V 1A Regulator
logo
ice Components, Ins.
IN08034 ICE-IN08034 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08035 ICE-IN08035 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08052 ICE-IN08052 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08137 ICE-IN08137 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08144 ICE-IN08144 Datasheet
35Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN09004 ICE-IN09004 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
1A Output Current
logo
Maxim Integrated Produc...
MAX8815AEVKIT MAXIM-MAX8815AEVKIT Datasheet
87Kb / 4P
Guaranteed 1A Output Current at 5V from 2.5V Input
Rev 0; 7/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com