Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3082M Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

MOC3082M Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # MOC3082M
Download  MOC3082M Download
File Size   3210.33 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Zero Crossing Phase Triac Driven Optocoupler

MOC3082M Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC3082M Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # MOC3082M
Download  MOC3082M Click to download

File Size   3210.33 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Zero Crossing Phase Triac Driven Optocoupler

MOC3082M Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


MOC3082M Product details

feature
Peak breakdown voltage 800V
High isolation voltage between input and output (Viso=5000V rms)
zero voltage crossover
Compact dual in-line package
RoHS compliant 1
UL-approved: UL1577, File No.E492440
application
Solenoid Valve/Valve Control
Lighting control
static power switch
AC motor driver
Electromagnetic contact switch
solid state relay




Similar Part No. - MOC3082M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3082M FAIRCHILD-MOC3082M Datasheet
543Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
537Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
ON Semiconductor
MOC3082M ONSEMI-MOC3082M Datasheet
320Kb / 13P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
More results


Similar Description - MOC3082M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q303X ETC1-Q303X Datasheet
1Mb / 17P
ZERO-CROSSING TRIAC OPTOCOUPLER
logo
Guangdong Youtai Semico...
MOC3041M UMW-MOC3041M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3042M UMW-MOC3042M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3043M UMW-MOC3043M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3043SM UMW-MOC3043SM Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3061M UMW-MOC3061M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3062M UMW-MOC3062M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3063SM UMW-MOC3063SM Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3081M UMW-MOC3081M Datasheet
3Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3083SM UMW-MOC3083SM Datasheet
3Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com