Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1350 Datasheet (PDF) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MC1350 Datasheet PDF - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Part # MC1350
Download  MC1350 Download
File Size   231.98 Kbytes
Page   3 Pages
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Description COMPOSITE FORMING SMD INDUCTORS

MC1350 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC1350 Datasheet PDF - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MC1350
Download  MC1350 Click to download

File Size   231.98 Kbytes
Page   3 Pages
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Description COMPOSITE FORMING SMD INDUCTORS

MC1350 Datasheet (HTML) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.


MC1350 Product details

Features:
Large Current and Low DCR.
Magnetically shielded construction.
High frequency range up to 1.0 MHz.
RoHS compliant* and halogen free.
Low noise.
Operating temperature range: -40℃ TO +125℃




Similar Part No. - MC1350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1350 MOTOROLA-MC1350 Datasheet
165Kb / 6P
IF AMPLIFIER
logo
LANSDALE Semiconductor ...
MC1350D LANSDALE-MC1350D Datasheet
582Kb / 6P
Monolithic IF Amplifier
MC1350D LANSDALE-MC1350D Datasheet
189Kb / 6P
Monolithic IF Amplifier
logo
Motorola, Inc
MC1350D MOTOROLA-MC1350D Datasheet
165Kb / 6P
IF AMPLIFIER
logo
LANSDALE Semiconductor ...
MC1350P LANSDALE-MC1350P Datasheet
582Kb / 6P
Monolithic IF Amplifier
More results


Similar Description - MC1350

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
MA1030-1 FPE-MA1030-1 Datasheet
260Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA1040-1 FPE-MA1040-1 Datasheet
279Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0518 FPE-MC0518 Datasheet
271Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0530 FPE-MC0530 Datasheet
234Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1050 FPE-MC1050 Datasheet
276Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1365 FPE-MC1365 Datasheet
232Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MC2213 FPE-MC2213 Datasheet
262Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MA0530-1 FPE-MA0530-1 Datasheet
233Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MA0630-1 FPE-MA0630-1 Datasheet
238Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com