Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR024NTR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRFR024NTR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRFR024NTR
Download  IRFR024NTR Download
File Size   537.48 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The D-PAK is designed for surface mounting using vapor phase, infrared,or wave soldering technigues.

IRFR024NTR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR024NTR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRFR024NTR
Download  IRFR024NTR Click to download

File Size   537.48 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The D-PAK is designed for surface mounting using vapor phase, infrared,or wave soldering technigues.

IRFR024NTR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRFR024NTR Product details

Features
VDS (V) = 55V
ID = 17A (VGS = 10V)
RDS(ON) =75mW (VGS = 10V)




Similar Part No. - IRFR024NTR

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRFR024NTR EVVOSEMI-IRFR024NTR Datasheet
466Kb / 7P
MOSFET
Rev:2023A2
logo
Kersemi Electronic Co.,...
IRFR024NTRL KERSEMI-IRFR024NTRL Datasheet
3Mb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRFR024NTRLPBF IRF-IRFR024NTRLPBF Datasheet
406Kb / 11P
Ultra Low On-Resistance
IRFR024NTRPBF IRF-IRFR024NTRPBF Datasheet
406Kb / 11P
HEXFET짰 Power MOSFET
logo
VBsemi Electronics Co.,...
IRFR024NTRPBF VBSEMI-IRFR024NTRPBF Datasheet
1Mb / 8P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - IRFR024NTR

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1SMAT EUROQUARTZ-CX1SMAT Datasheet
134Kb / 2P
Designed for infrared, vapour phase or epoxy mounting
CX7SM EUROQUARTZ-CX7SM Datasheet
115Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
CX9SM EUROQUARTZ-CX9SM Datasheet
117Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
CX11SMAT EUROQUARTZ-CX11SMAT Datasheet
118Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
CX14SMAT EUROQUARTZ-CX14SMAT Datasheet
124Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
logo
MICORO CRYSTAL SWITZERL...
MCSO2E MICROCRYSTAL-MCSO2E Datasheet
346Kb / 2P
This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
VCXO2E MICROCRYSTAL-VCXO2E Datasheet
338Kb / 2P
This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
logo
Guangdong Youtai Semico...
IRLR3410TR UMW-IRLR3410TR Datasheet
468Kb / 7P
The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques.
IRFR120NTR UMW-IRFR120NTR Datasheet
536Kb / 7P
The D-PAK is designed for surface mounting using vapor phase,infraredor wave soldering techniques.
IRFR3910TR UMW-IRFR3910TR Datasheet
772Kb / 7P
The D-PAK is designed for surface mounting using vapor phase,infrared,or wave soldering techniques.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com