Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6344TR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRLML6344TR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRLML6344TR
Download  IRLML6344TR Download
File Size   442.86 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Load/ System Switch

IRLML6344TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML6344TR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRLML6344TR
Download  IRLML6344TR Click to download

File Size   442.86 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Load/ System Switch

IRLML6344TR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRLML6344TR Product details

Features
VDS (V) = 30V
RDS(ON) < 29m (VGS = 4.5V)
RDS(ON) < 37m (VGS = 2.5V)

Benefits
Lower Conduction Losses
Multi-vendor compatibility
Environmentally friendly
Increased Reliability




Similar Part No. - IRLML6344TR

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
IRLML6344TRPBF ZPSEMI-IRLML6344TRPBF Datasheet
261Kb / 2P
HEXFETPower MOSFET
logo
International Rectifier
IRLML6344TRPBF IRF-IRLML6344TRPBF Datasheet
210Kb / 10P
HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML6344TRPBF VBSEMI-IRLML6344TRPBF Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLML6344TRPBF TECHPUBLIC-IRLML6344TRPBF Datasheet
2Mb / 6P
P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - IRLML6344TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFML8244PBF IRF-IRFML8244PBF Datasheet
202Kb / 10P
Load/ System Switch
IRLML0060PBF IRF-IRLML0060PBF Datasheet
205Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2030PBF IRF-IRLML2030PBF Datasheet
272Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2060PBF IRF-IRLML2060PBF Datasheet
205Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRFHM93312PBF IRF-IRFHM93312PBF Datasheet
236Kb / 8P
System/load switch
logo
Shenzhen Guan Hua Wei Y...
WSD20100DN56 WIINSOK-WSD20100DN56 Datasheet
2Mb / 5P
Load Switch Power System
logo
Guangdong Youtai Semico...
IRLML2030TR UMW-IRLML2030TR Datasheet
590Kb / 8P
Load/ System Switch
IRLML2060TR UMW-IRLML2060TR Datasheet
576Kb / 8P
Load/ System Switch
IRLML2244TR UMW-IRLML2244TR Datasheet
513Kb / 8P
System/Load Switch
IRLML2246 UMW-IRLML2246 Datasheet
406Kb / 8P
System/Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com