Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS82 Datasheet (PDF) - RFE international

SS82 Datasheet PDF - RFE international
Part # SS82
Download  SS82 Download
File Size   1034.98 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Surface Mount Schottky Rectifier

SS82 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS82 Datasheet PDF - RFE international

Part # SS82
Download  SS82 Click to download

File Size   1034.98 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Surface Mount Schottky Rectifier

SS82 Datasheet (HTML) - RFE international


SS82 Product details

FEATURES
Guardring for overvoltage protection
Low power loss
Extremely fast switching
High forward surge capability
High frequency operation
Solder dip 260 °C max. 10 s, per JESD 22-B106




Similar Part No. - SS82

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS82 FRONTIER-SS82 Datasheet
125Kb / 2P
8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS82 LUGUANG-SS82 Datasheet
315Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Formosa MS
SS82 FORMOSA-SS82 Datasheet
122Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS82 CHENDA-SS82 Datasheet
868Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS82 DGNJDZ-SS82 Datasheet
665Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results


Similar Description - SS82

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com