Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4860 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

NTD4860 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # NTD4860
Download  NTD4860 Download
File Size   482.46 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 25V N -Channel MOSFET

NTD4860 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTD4860 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # NTD4860
Download  NTD4860 Click to download

File Size   482.46 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 25V N -Channel MOSFET

NTD4860 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


NTD4860 Product details

Features
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• Optimized Gate Charge to Minimize Switching Losses
Applications
• VCORE Applications
• DC−DC Converters
• High/Low Side Switching
VDS(V) =25V
ID =65A (VGS = 10V)
RDS(ON) < 7.5mΩ (V GS = 10V)
RDS(ON) < 11.1mΩ (V GS = 4.5V)




Similar Part No. - NTD4860

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4860N ONSEMI-NTD4860N Datasheet
124Kb / 8P
25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
logo
Inchange Semiconductor ...
NTD4860N ISC-NTD4860N Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
NTD4860N-1 ISC-NTD4860N-1 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
NTD4860N-1G VBSEMI-NTD4860N-1G Datasheet
995Kb / 7P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - NTD4860

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM55N03 TSC-TSM55N03_07 Datasheet
363Kb / 6P
25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_09 Datasheet
244Kb / 6P
25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
25V N-Channel MOSFET
TSM25N03 TSC-TSM25N03_08 Datasheet
132Kb / 6P
25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3612E GOOD-ARK-SSF3612E_15 Datasheet
459Kb / 4P
25V N-Channel MOSFET
SSFM2508 GOOD-ARK-SSFM2508 Datasheet
577Kb / 7P
25V N-Channel MOSFET
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
25V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONS32100 AOSMD-AONS32100 Datasheet
330Kb / 6P
25V N-Channel MOSFET
Rev.3.0: May 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com