Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMS4816N Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

NTMS4816N Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # NTMS4816N
Download  NTMS4816N Download
File Size   440.07 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V N-Channel MOSFET

NTMS4816N Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMS4816N Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # NTMS4816N
Download  NTMS4816N Click to download

File Size   440.07 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V N-Channel MOSFET

NTMS4816N Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


NTMS4816N Product details

Features
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• Optimized Gate Charge to Minimize Switching Losses

Applications
• Disk Drives
• DC− DC Converters
• Printers
(VGS = 10V)
VDS (V) = 30V
ID = 11A
RDS(ON) <10mΩ(VGS=10V)
RDS(ON) <16 mΩ(VGS=4.5V)




Similar Part No. - NTMS4816N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
NTMS4816N ONSEMI-NTMS4816N Datasheet
114Kb / 5P
Power MOSFET
September, 2013 ??Rev. 2
NTMS4816NR2G ONSEMI-NTMS4816NR2G Datasheet
94Kb / 5P
Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
NTMS4816NR2G ONSEMI-NTMS4816NR2G Datasheet
114Kb / 5P
Power MOSFET
September, 2013 ??Rev. 2
NTMS4816NR2G. ONSEMI-NTMS4816NR2G. Datasheet
114Kb / 5P
Power MOSFET
September, 2013 ??Rev. 2
More results


Similar Description - NTMS4816N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com