Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD15VL2BT Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD15VL2BT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PESD15VL2BT
Download  PESD15VL2BT Download
File Size   341.68 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Bidirectional and unidirectionalconfigurations

PESD15VL2BT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD15VL2BT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD15VL2BT
Download  PESD15VL2BT Click to download

File Size   341.68 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Bidirectional and unidirectionalconfigurations

PESD15VL2BT Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD15VL2BT Product details

Features
400 W peak pulse power (tp =8/20μs)
Bidirectional and unidirectionalconfigurations
Solid-state silicon-avalanche technology
Low clampingvoltage
Low leakage current
Protection two datalines
IEC 61000-4-2 ±30kV contact ±30kV air
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 11A(8/20μs)

Applications
Dataline
Automatic Teller Machines
Net works
Power line




Similar Part No. - PESD15VL2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL2BT PHILIPS-PESD15VL2BT Datasheet
179Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
PESD15VL2BT NXP-PESD15VL2BT Datasheet
189Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02-25 August 2009
logo
TECH PUBLIC Electronics...
PESD15VL2BT TECHPUBLIC-PESD15VL2BT Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
logo
Nexperia B.V. All right...
PESD15VL2BT NEXPERIA-PESD15VL2BT Datasheet
748Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
PESD15VL2BT-Q NEXPERIA-PESD15VL2BT-Q Datasheet
233Kb / 11P
Low capacitance double bidirectional ESD protection diode
3 May 2022
More results


Similar Description - PESD15VL2BT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
1N6267 MICROSEMI-1N6267 Datasheet
123Kb / 2P
TRANSIENT ABSORPTION ZENER UNIDIRECTLOANL AND BIDIRECTIONAL
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
Unidirectional And Bidirectional
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
Unidirectional and Bidirectional
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
Unidirectional and bidirectional types
06-Apr-2017
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
Unidirectional and Bidirectional TransientVoltage Suppressors
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com