Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3L1UB Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD3V3L1UB Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PESD3V3L1UB
Download  PESD3V3L1UB Download
File Size   389.97 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Unidirectional ESD protection of one line

PESD3V3L1UB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3L1UB Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD3V3L1UB
Download  PESD3V3L1UB Click to download

File Size   389.97 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Unidirectional ESD protection of one line

PESD3V3L1UB Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD3V3L1UB Product details

Features
Applications

ESD protection up to 30 kV
Low diode capacitance: Cd = 34 pF
IEC 61000-4-2; level 4 (ESD)
Low clamping voltage: VCL = 11 V
AEC-Q101 qualified
Very low leakage current: IRM = 100 nA
Computers and peripherals
Subscriber Identity Module (SIM) card
protection
Audio and video equipment
Portable electronics
Cellular handsets and accessories
FireWire
Communication systems
High-speed data lines




Similar Part No. - PESD3V3L1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L1UB NXP-PESD3V3L1UB Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UB PHILIPS-PESD3V3L1UB Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD3V3L1UB NEXPERIA-PESD3V3L1UB Datasheet
235Kb / 10P
Low capacitance unidirectional ESD protection diode
6 April 2021
PESD3V3L1UB NEXPERIA-PESD3V3L1UB Datasheet
553Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01 - 17 June 2009
More results


Similar Description - PESD3V3L1UB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC3V3M1FN2 PANJIT-PJEC3V3M1FN2 Datasheet
141Kb / 5P
Bidirectional ESD protection of one line
PJEC5V0V3FN2B PANJIT-PJEC5V0V3FN2B Datasheet
158Kb / 5P
Bidirectional ESD protection of one line
PJEC3V3M3FN2 PANJIT-PJEC3V3M3FN2 Datasheet
214Kb / 6P
ESD Protection, Bidirectional ESD protection of one line
PJEC12VM1TA-AU PANJIT-PJEC12VM1TA-AU Datasheet
225Kb / 6P
Bidirectional ESD protection of one line
PJEC2415VM1WS-AU PANJIT-PJEC2415VM1WS-AU Datasheet
286Kb / 6P
Bidirectional ESD protection of one line
logo
Guangdong Youtai Semico...
PESD24VS1UA UMW-PESD24VS1UA Datasheet
542Kb / 4P
Unidirectional ESD protection of one line
PESD5V0F1BL UMW-PESD5V0F1BL Datasheet
476Kb / 5P
Bidirectional ESD protection of one line
PESD5V0L1UA UMW-PESD5V0L1UA Datasheet
414Kb / 5P
Unidirectional ESD protection of one line
PESD5V0V1BX UMW-PESD5V0V1BX Datasheet
614Kb / 5P
Bidirectional ESD protection of one line
PESDXXXS1UB UMW-PESDXXXS1UB Datasheet
382Kb / 7P
Unidirectional ESD protection of one line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com