Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0V1BA Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD5V0V1BA Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PESD5V0V1BA
Download  PESD5V0V1BA Download
File Size   614.59 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Bidirectional ESD protection of one line

PESD5V0V1BA Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0V1BA Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD5V0V1BA
Download  PESD5V0V1BA Click to download

File Size   614.59 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Bidirectional ESD protection of one line

PESD5V0V1BA Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD5V0V1BA Product details

Features
Applications
Bidirectional ESD protection of one line
ESD protection up to 30 kV
Very low diode capacitance: Cd = 11 pF
IEC 61000-4-2; level 4 (ESD)
Max. peak pulse power: PPP = 45 W
IEC 61000-4-5 (surge); IPP = 4.8 A
Low clamping voltage: VCL = 12.5 V
AEC-Q101 qualified
Ultra low leakage current: IRM < 1 nA
Computers and peripherals
Communication systems
Audio and video equipment
Portable electronics
Cellular handsets and accessories
10/100 Mbit/s Ethernet
Subscriber Identity Module (SIM) card protection
FireWire




Similar Part No. - PESD5V0V1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BA NXP-PESD5V0V1BA Datasheet
127Kb / 13P
Very low capacitance bidirectional ESD protection diodes
Rev. 01-28 July 2009
logo
Nexperia B.V. All right...
PESD5V0V1BA NEXPERIA-PESD5V0V1BA Datasheet
259Kb / 12P
Very low capacitance bidirectional ESD protection diode
1 April 2023
PESD5V0V1BA NEXPERIA-PESD5V0V1BA Datasheet
406Kb / 15P
Very low capacitance bidirectional ESD protection diodes
Rev. 2 - 9 November 2012
logo
Guangdong Youtai Semico...
PESD5V0V1BA UMW-PESD5V0V1BA Datasheet
417Kb / 4P
Microprocessor based equipment
logo
Nexperia B.V. All right...
PESD5V0V1BA-Q NEXPERIA-PESD5V0V1BA-Q Datasheet
262Kb / 12P
Very low capacitance bidirectional ESD protection diode
10 May 2022
More results


Similar Description - PESD5V0V1BA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC3V3M1FN2 PANJIT-PJEC3V3M1FN2 Datasheet
141Kb / 5P
Bidirectional ESD protection of one line
PJEC5V0V3FN2 PANJIT-PJEC5V0V3FN2 Datasheet
142Kb / 5P
Bidirectional ESD protection of one line
PJEC5V0V3FN2B PANJIT-PJEC5V0V3FN2B Datasheet
158Kb / 5P
Bidirectional ESD protection of one line
PJEC3V3M3FN2 PANJIT-PJEC3V3M3FN2 Datasheet
214Kb / 6P
ESD Protection, Bidirectional ESD protection of one line
PJEC12VM1TA PANJIT-PJEC12VM1TA Datasheet
224Kb / 6P
Bidirectional ESD protection of one line
PJEC12VM1TA-AU PANJIT-PJEC12VM1TA-AU Datasheet
225Kb / 6P
Bidirectional ESD protection of one line
PJEC2415VM1WS PANJIT-PJEC2415VM1WS Datasheet
286Kb / 6P
Bidirectional ESD protection of one line
PJEC2415VM1WS-AU PANJIT-PJEC2415VM1WS-AU Datasheet
286Kb / 6P
Bidirectional ESD protection of one line
logo
Guangdong Youtai Semico...
PESD5V0F1BL UMW-PESD5V0F1BL Datasheet
476Kb / 5P
Bidirectional ESD protection of one line
PESD5V0L1UA UMW-PESD5V0L1UA Datasheet
414Kb / 5P
Unidirectional ESD protection of one line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com