Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN3485ES Datasheet (PDF) - UN Semiconducctor INC

UN3485ES Datasheet PDF - UN Semiconducctor INC
Part # UN3485ES
Download  UN3485ES Download
File Size   4487.36 Kbytes
Page   11 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 3.3V Supply,Up to 256 nodes,16Mbps, Half-duplex,RS485/RS422 Transceiver

UN3485ES Datasheet (PDF)

Go To PDF Page Download Datasheet
UN3485ES Datasheet PDF - UN Semiconducctor INC

Part # UN3485ES
Download  UN3485ES Click to download

File Size   4487.36 Kbytes
Page   11 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 3.3V Supply,Up to 256 nodes,16Mbps, Half-duplex,RS485/RS422 Transceiver

UN3485ES Datasheet (HTML) - UN Semiconducctor INC


UN3485ES Product details

Features
3.3V Power Supply, Half-duplex
1/8-unit-load, allows up to 256 transceivers on the bus
Hot-Swap Input Structures on DE and /RE
Thermal shutdown protection
Low-Current Shutdown Mode
True Fail-Safe Receiver
Integrated transient voltage suppression
ESD Protection for Bus Terminals:IEC 61000-4-2 model ±16KV
16Mbps in Electrically Noisy Environments




Similar Part No. - UN3485ES

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN3485 UNSEMI-UN3485 Datasheet
5Mb / 12P
3.3V Supply,Up to 256 nodes 12Mbps,Half-duplex RS485/RS422 Transceiver
Revision March 1,2022
More results


Similar Description - UN3485ES

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM485ESA LEIDITECH-LM485ESA Datasheet
4Mb / 10P
5V power supply, half-duplex, with 짹15KVESD protection, 500kbps transmission rate, 256-node RS485/RS422 transceiver
LM3085ESA LEIDITECH-LM3085ESA Datasheet
7Mb / 12P
5V power supply half-duplex, with 짹16KV ESD protection, 1Mbps communication rate, 256-node RS485/RS422 transceiver
logo
Guangdong Youtai Semico...
MAX3485E UMW-MAX3485E Datasheet
1Mb / 13P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
logo
UN Semiconducctor INC
UN3088ES UNSEMI-UN3088ES Datasheet
4Mb / 11P
3.3~5.5V Supply,16Mbps,Half-duplex, RS485/RS422 Transceiver
Revision March 1,2022
UN3485 UNSEMI-UN3485 Datasheet
5Mb / 12P
3.3V Supply,Up to 256 nodes 12Mbps,Half-duplex RS485/RS422 Transceiver
Revision March 1,2022
UN485E UNSEMI-UN485E Datasheet
4Mb / 10P
±16kV ESD Protected 1Mbps, Half-duplex ,RS485/RS422 Transceiver
Revision March 1,2022
UN485ES UNSEMI-UN485ES Datasheet
4Mb / 10P
±16kV ESD Protected 16Mbps, Half-duplex ,RS485/RS422 Transceiver
Revision March 1,2022
logo
Guangdong Youtai Semico...
SP3485E UMW-SP3485E Datasheet
1Mb / 13P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
ST3485EBDR UMW-ST3485EBDR Datasheet
1Mb / 12P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
ADM3485EARZ UMW-ADM3485EARZ Datasheet
1Mb / 13P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com