Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRTR5V0U2X Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PRTR5V0U2X Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PRTR5V0U2X
Download  PRTR5V0U2X Download
File Size   340.69 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 40W peak pulse power (tp = 8/20μs)

PRTR5V0U2X Datasheet (PDF)

Go To PDF Page Download Datasheet
PRTR5V0U2X Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PRTR5V0U2X
Download  PRTR5V0U2X Click to download

File Size   340.69 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 40W peak pulse power (tp = 8/20μs)

PRTR5V0U2X Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PRTR5V0U2X Product details

Features
40W peak pulse power (tp = 8/20μs)
Tiny SOT143 package
Bidirectional configurations
Solid-state silicon-avalanche technology
Low clamping voltage
Low leakage current
Low capacitance (Cj=0.35pF typ I/O to I/O.)
Protection one data/power line
IEC 61000-4-2 ±15kV contact ±20kV air
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 3.5A (8/20μs)

Applications
USB2.0,
Ethernet
Notebooks, Desktops, and Servers
Video Line Protection




Similar Part No. - PRTR5V0U2X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2X PHILIPS-PRTR5V0U2X Datasheet
60Kb / 10P
Ultra low capacitance double rail-to-rail ESD protection diode in SOT143B
Rev. 01-22 September 2005
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
logo
TECH PUBLIC Electronics...
PRTR5V0U2X TECHPUBLIC-PRTR5V0U2X Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
logo
Nexperia B.V. All right...
PRTR5V0U2X NEXPERIA-PRTR5V0U2X Datasheet
230Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
1 April 2023
PRTR5V0U2X-Q NEXPERIA-PRTR5V0U2X-Q Datasheet
232Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
4 May 2022
More results


Similar Description - PRTR5V0U2X

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
200W peak pulse power (tp =8/20μs)
PESD24VL1BA UMW-PESD24VL1BA Datasheet
204Kb / 4P
300W peak pulse power (tp = 8/20μs)
PESD24VL2BT UMW-PESD24VL2BT Datasheet
284Kb / 3P
280W peak pulse power (tp= 8/20μs)
PESD3V3L1BA UMW-PESD3V3L1BA Datasheet
401Kb / 4P
480W peak pulse power (tp =8/20μs)
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD3V3V1BCSF UMW-PESD3V3V1BCSF Datasheet
383Kb / 4P
70W peak pulse power (tp =8/20μs
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
350W peak pulse power (tp=8/20μs)
PESD5V0V1BB UMW-PESD5V0V1BB Datasheet
419Kb / 4P
90Watts peak pulse power (tp =8/20μs)
TPD1E05U06D UMW-TPD1E05U06D Datasheet
489Kb / 3P
45W peak pulse power (tp = 8/20μs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com