Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4115 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PT4115 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PT4115
Download  PT4115 Download
File Size   2005.19 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V / 1.2A high dimming ratio LED constant current driver

PT4115 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT4115 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PT4115
Download  PT4115 Click to download

File Size   2005.19 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V / 1.2A high dimming ratio LED constant current driver

PT4115 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PT4115 Product details

Analog dimming and wide range
product description
PT4115 is a continuous inductor current conduction mode reducing
Voltage constant current source, used to drive one or more LEDs in series.
PT4115 input voltage range from 6V to 30V, output current
Adjustable, up to 1.2A. According to different input voltages and
external device, the PT4115 can drive up to tens of watts
LED. PT4115 has a built-in power switch and adopts high-end current sampling
This sets the average LED current through the DIM pin to accept
PWM dimming. When DIM's
When the voltage is lower than 0.3V, the power switch is turned off and PT4115 enters
Enter a very low operating current standby state.

main feature
▪ Very few external components
■Wide input voltage range: from 6 V to 30 V
■Maximum output current of 1.2 A
■ Multiplex DIM pins for LED switching and analog adjustment.
Light and PWM dimming
▪ 5% output current accuracy
▪ Up to 97% efficiency
▪ Constant current control method with adjustable output

typical application
Low voltage LED spotlights replace halogen lamps, car LED lights,
LED backup light, LED signal light




Similar Part No. - PT4115

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
PT4115 HOTCHIP-PT4115 Datasheet
733Kb / 8P
Very few external components
logo
List of Unclassifed Man...
PT4115 ETC2-PT4115 Datasheet
1Mb / 18P
30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
PT4115B89E ETC2-PT4115B89E Datasheet
1Mb / 18P
30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
PT4115B89E-B ETC2-PT4115B89E-B Datasheet
1Mb / 18P
30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
PT4115BSOH ETC2-PT4115BSOH Datasheet
1Mb / 18P
30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
More results


Similar Description - PT4115

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
Shenzhen Tianyuan Semic...
TP4205 TPOWER-TP4205 Datasheet
470Kb / 7P
36V/1.2A high dimming ratio LED driver
logo
Bright Power Semiconduc...
BP1360 BPS-BP1360 Datasheet
139Kb / 2P
30V/500mA High Dimming Ratio LED Constant Current Driver
BP1361 BPS-BP1361 Datasheet
139Kb / 2P
30V/750mA High Dimming Ratio LED Constant Current Driver
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
36V/1.2A high dimming ratio LED driver
logo
Shenzhen Huazhimei Semi...
HM4112A HMSEMI-HM4112A Datasheet
595Kb / 7P
36V/1.2A high dimming ratio LED driver
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
PWM dimming LED constant current driver chip
HM4112 HMSEMI-HM4112 Datasheet
762Kb / 8P
36V/1.2A high dimming ratio LED driver
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com