Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0522P.TCT Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

RCLAMP0522P.TCT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # RCLAMP0522P.TCT
Download  RCLAMP0522P.TCT Download
File Size   409.67 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Package design optimized for high speed lines

RCLAMP0522P.TCT Datasheet (PDF)

Go To PDF Page Download Datasheet
RCLAMP0522P.TCT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # RCLAMP0522P.TCT
Download  RCLAMP0522P.TCT Click to download

File Size   409.67 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Package design optimized for high speed lines

RCLAMP0522P.TCT Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


RCLAMP0522P.TCT Product details

Description
RClamp arrays are ultra low capacitance ESD
protection devices designed to protect high speed data
interfaces. This series has been specifically designed to
protect sensitive components which are connected to
high-speed data and transmission lines from overvoltage
caused by ESD (electrostatic discharge), CDE
(Cable Discharge Events), and EFT (electrical fast
transients).
The RClamp0522P and RClamp0524P have a
typical capacitance of only 0.30pF between I/O pins.
This allows it to be used on circuits operating in excess
of 3GHz without signal attenuation. They may be used
to meet the ESD immunity requirements of IEC 61000-
4-2. The RClamp0522P is designed to protect two
lines, while the RClamp0524P will protect four lines.
The RClamp0522P is in a 6-pin SLP1610P4 package. It
measures 1.6 x 1.0 with a nominal height of 0.58mm.
The RClamp0524PA is in a 10-pin SLP2510P8 package.
It measures 2.5 x 1.0 with a nominal height of 0.58mm.
The leads are spaced at a pitch of 0.5mm and are finished
with lead-free NiPdAu. They are designed for easy
PCB layout by allowing the traces to run straight through
the device. The combination of small size, low capacitance,
and high level of ESD protection makes them a
flexible solution for applications such as HDMI,
DisplayPortTM, MDDI, and eSATA interfaces.

Features
ESD protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±17kV (air), ±12kV (contact) IEC
61000-4-5 (Lightning) 5A (8/20μs)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Package design optimized for high speed lines
Flow-Through design
Protects two or four I/O lines
Low capacitance: 0.3pF typical (I/O to I/O)
Low clamping voltage
Low operating voltage: 5V
Solid-state silicon-avalanche technology

Applications
High Definition Multi-Media Interface (HDMI)
Digital Visual Interface (DVI)
DisplayPortTM Interface
MDDI Ports
PCI Express
eSATA Interfaces




Similar Part No. - RCLAMP0522P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0522P.TCT SEMTECH-RCLAMP0522P.TCT Datasheet
621Kb / 13P
Ultra Low Capacitance TVS Arrays
More results


Similar Description - RCLAMP0522P.TCT

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5154 NI-NI5154 Datasheet
403Kb / 6P
High-Speed Digitizers-Optimized for Automated Test
logo
STMicroelectronics
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
4-line ESD protection for high speed lines
15-Oct-2010
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
logo
Panasonic Semiconductor
EXC-CET103U PANASONIC-EXC-CET103U Datasheet
293Kb / 8P
Effective noise suppression for power lines and high speed signal lines
logo
STMicroelectronics
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
logo
ON Semiconductor
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
logo
Vishay Siliconix
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF Datasheet
181Kb / 7P
Optimized for hard switching speed
10-Jun-15
logo
STMicroelectronics
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
4-line ESD protection for high speed lines
07-Nov-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com