Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBM-1K2SXXXDG Datasheet (PDF) - Inventronics Inc.

EBM-1K2SXXXDG Datasheet PDF - Inventronics Inc.
Part # EBM-1K2SXXXDG
Download  EBM-1K2SXXXDG Download
File Size   811.76 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1200W Programmable IP66/IP67 Driver

EBM-1K2SXXXDG Datasheet (PDF)

Go To PDF Page Download Datasheet
EBM-1K2SXXXDG Datasheet PDF - Inventronics Inc.

Part # EBM-1K2SXXXDG
Download  EBM-1K2SXXXDG Click to download

File Size   811.76 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1200W Programmable IP66/IP67 Driver

EBM-1K2SXXXDG Datasheet (HTML) - Inventronics Inc.


EBM-1K2SXXXDG Product details

Features
 Ultra High Efficiency (Up to 96%)
 Compact Metal Case with Excellent Thermal Performance
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Programmability
 Isolated 1-10V/10V PWM/3-Timer-Modes Dimmable
 Output Lumen Compensation
 End-of-Life Indicator
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 Low Inrush Current
 IP66/IP67
 5 Years Warranty
Description
The EBM-1K2SxxxDG series is a 1200W, constant-current, programmable and IP66/IP67 rated LED driver that
operates from 176-305 Vac input with excellent power factor. Created for many lighting applications including high
mast, sports, UV-LED, aquaculture and horticulture etc., The high efficiency of these drivers and compact metal
case enables them to run cooler, significantly improving reliability and extending product life. To ensure troublefree
operation, protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EBM-1K2SXXXDG

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EBM-1K2SXXXMG INVENTRONICS-EBM-1K2SXXXMG Datasheet
827Kb / 13P
1200W Programmable Driver with INV Digital Dimming
Rev.F
More results


Similar Description - EBM-1K2SXXXDG

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-ESM-075SXXXDV INVENTRONICS-DS-ESM-075SXXXDV Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-240SXXXDX INVENTRONICS-ESM-240SXXXDX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
EUW-040DXXXDX INVENTRONICS-EUW-040DXXXDX Datasheet
834Kb / 16P
40W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-060DXXXDX INVENTRONICS-EUW-060DXXXDX Datasheet
843Kb / 16P
60W Programmable IP66/IP67 Tunable White Driver
Rev.C
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUW-150DXXXDX INVENTRONICS-EUW-150DXXXDX Datasheet
872Kb / 19P
150W Programmable IP66 /IP67 Tunable White Driver
Rev.C
EUW-200DXXXDX INVENTRONICS-EUW-200DXXXDX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-240DXXXDX INVENTRONICS-EUW-240DXXXDX Datasheet
874Kb / 19P
240W Programmable IP66/IP67 Tunable White Driver
Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com