Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57-014-260IF02 Datasheet (PDF) - EDAC, All Rights Reserved.

B57-014-260IF02 Datasheet PDF - EDAC, All Rights Reserved.
Part # B57-014-260IF02
Download  B57-014-260IF02 Download
File Size   85.98 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness

B57-014-260IF02 Datasheet (PDF)

Go To PDF Page Download Datasheet
B57-014-260IF02 Datasheet PDF - EDAC, All Rights Reserved.

Part # B57-014-260IF02
Download  B57-014-260IF02 Click to download

File Size   85.98 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness

B57-014-260IF02 Datasheet (HTML) - EDAC, All Rights Reserved.


B57-014-260IF02 Product details

Features


  • Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or
    0.125" (3.125mm) board thickness.

  • Available in 14, 24, 36 and 50 positions.

  • Variety of mounting options available.

  • Intermateable with comparable series connectors.

  • Applications include data control systems, telecom
    interconnect and electronic instrumentation

  • Mounting Posts Provide Positive Location and Retention

  • UL Approved.

  • RoHS Compliant




Similar Part No. - B57-014-260IF02

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
B57-014-260IF02 EDAC-B57-014-260IF02 Datasheet
522Kb / 1P
B57 Series D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
More results


Similar Description - B57-014-260IF02

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
B57-014-222I323 EDAC-B57-014-222I323 Datasheet
83Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-222I502 EDAC-B57-014-222I502 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-222I822 EDAC-B57-014-222I822 Datasheet
84Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I103 EDAC-B57-014-260I103 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I202 EDAC-B57-014-260I202 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I402 EDAC-B57-014-260I402 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I503 EDAC-B57-014-260I503 Datasheet
83Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I822 EDAC-B57-014-260I822 Datasheet
86Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-261I123 EDAC-B57-014-261I123 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-261I403 EDAC-B57-014-261I403 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com